Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0S506AJ Datasheet (PDF) - Tyco Electronics

MA0S506AJ Datasheet PDF - Tyco Electronics
Part # MA0S506AJ
Download  MA0S506AJ Download
File Size   58.88 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5.0 - 6.0 SPDT T/R Switch

MA0S506AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MA0S506AJ Datasheet PDF - Tyco Electronics

Part # MA0S506AJ
Download  MA0S506AJ Click to download

File Size   58.88 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5.0 - 6.0 SPDT T/R Switch

MA0S506AJ Datasheet (HTML) - Tyco Electronics


MA0S506AJ Product details

Description
The MA0S506AJ is a medium power 5.0-6.0 SPDT switch. Typical Applications include the transmit/ receive functions in 802.11a and Hiperlan, and fixed wireless access applications. All RF impedances are 50 Ω, and all RF ports are internally DC blocked. The switch operates over a typical voltage range of 2.7 to 5.5 volts. The MA0S506AJ is offered in a MSOP-8 package.

Features
• Ideal for 802.11a Hiperlan Applications
• Positive Control Voltages
• +32 dB One dB Compression Point
• Fast Switching Speed
• No External Components Required
• MSOP-8 Package




Similar Part No. - MA0S506AJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ-R13 MACOM-MA0S506AJ-R13 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
MA0S506AJ-R7 MACOM-MA0S506AJ-R7 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
MA0S506AJ-SMB MACOM-MA0S506AJ-SMB Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
More results


Similar Description - MA0S506AJ

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC224MS8 HITTITE-HMC224MS8 Datasheet
162Kb / 4P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC224MS8 HITTITE-HMC224MS8_06 Datasheet
228Kb / 6P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
logo
California Eastern Labs
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
0.05 to 6.0 GHz SPDT SWITCH
logo
Hittite Microwave Corpo...
HMC223MS8 HITTITE-HMC223MS8 Datasheet
0Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
logo
Guerrilla RF, Inc.
GRF2581 GUERRILLA-GRF2581 Datasheet
930Kb / 13P
LNA T/R Switch Tuning Range: 2.4 to 6.0 GHz
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
SPDT Failsafe Switch 0.1 ??6.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com