Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC223MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC223MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC223MS8
Download  HMC223MS8 Download
File Size   0.0 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz

HMC223MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC223MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC223MS8
Download  HMC223MS8 Click to download

File Size   0.0 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz

HMC223MS8 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC223MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC223MS8 HITTITE-HMC223MS8 Datasheet
56Kb / 4P
GaAS MMIC MSOP8 T/R SWITCH 4.5 - 6 GHz
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
More results


Similar Description - HMC223MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC224MS8 HITTITE-HMC224MS8 Datasheet
162Kb / 4P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC223MS8 HITTITE-HMC223MS8 Datasheet
56Kb / 4P
GaAS MMIC MSOP8 T/R SWITCH 4.5 - 6 GHz
HMC224MS8 HITTITE-HMC224MS8_06 Datasheet
228Kb / 6P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
GaAs MMIC T/R SWITCH 5 - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com