Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2167GD-AEC1 Datasheet (PDF) - Monolithic Power Systems

MPQ2167GD-AEC1 Datasheet PDF - Monolithic Power Systems
Part # MPQ2167GD-AEC1
Download  MPQ2167GD-AEC1 Download
File Size   735.34 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified

MPQ2167GD-AEC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ2167GD-AEC1 Datasheet PDF - Monolithic Power Systems

Part # MPQ2167GD-AEC1
Download  MPQ2167GD-AEC1 Click to download

File Size   735.34 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6V, 4A, Frequency Programmable Buck Converter AEC-Q100 Qualified

MPQ2167GD-AEC1 Datasheet (HTML) - Monolithic Power Systems


MPQ2167GD-AEC1 Product details

DESCRIPTION
The MPQ2167 is a frequency programmable (300kHz to 2.2MHz) synchronous step-down converter. It can achieve up to 4A continuous output current with peak current control for excellent transient response and efficiency performance. The MPQ2167 operates from a 2.7V to 6.0V input range and generates an output voltage as low as 0.606V. It is ideal for a wide range of applications, including automotive infotainment, clusters, telematics, and portable instruments.
The MPQ2167 integrates a 35mΩ high-side switch and a 25mΩ synchronous rectifier for high efficiency without an external Schottky diode. With internal compensation, the MPQ2167 requires a minimum number of readily available standard external components and is available in a QFN-11(2mm x 3mm) package.
The MPQ2167 can be configured for either advanced asynchronous mode (AAM) or forced continuous conduction mode (FCCM) operation at light load. AAM provides high efficiency by reducing switching losses at light load while FCCM has controllable frequency and a lower output ripple.
The MPQ2167 offers standard features, including soft-start, enable control, and a power good indicator. In addition, the MPQ2167 provides over-current protection with valley current detection, which is used to avoid current runaway. Also, it has short-circuit protection, reliable overvoltage protection, and auto recovery thermal protection.

FEATURES
 2.7V to 6.0V Operating Input Range
 Adjustable Output from 0.606V
 Up to 4A Continuous Output current
 High Efficiency Synchronous Mode Control
 35mΩ and 25mΩ Internal Power MOSFET
 Programmable Frequency up to 2.2MHz
 42μA Quiescent Current
 Low Shutdown Mode Current
 100% Duty Cycle Operation
 Internal Compensation Mode
 Selectable AAM or FCCM Operation Option
 External Soft Start
 Remote EN Control
 Power Good Indicator
 Cycle-by-Cycle Over-Current Protection
 Short-Circuit Protection
 VIN Under-Voltage Lockout
 VOUT Over-Voltage Protection
 Thermal Shutdown
 Available in QFN-11(2mm x 3mm) Package
 Available in AEC-Q100 Grade-1

APPLICATIONS
 Automotive Infotainment
 Automotive Clusters
 Automotive Telematics
 Industrial Supplies
 Battery-Powered Devices




Similar Part No. - MPQ2167GD-AEC1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2166B MPS-MPQ2166B Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1 MPS-MPQ2166BGRHE-AEC1 Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-P MPS-MPQ2166BGRHE-AEC1-P Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-Z MPS-MPQ2166BGRHE-AEC1-Z Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
More results


Similar Description - MPQ2167GD-AEC1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
logo
Monolithic Power System...
MPQ3425-AEC1 MPS-MPQ3425-AEC1 Datasheet
808Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
MPQ3425 MPS-MPQ3425 Datasheet
1Mb / 28P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
Rev. 1.1 7/6/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com