Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2166B Datasheet (PDF) - Monolithic Power Systems

MPQ2166B Datasheet PDF - Monolithic Power Systems
Part # MPQ2166B
Download  MPQ2166B Download
File Size   2049.04 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified

MPQ2166B Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ2166B Datasheet PDF - Monolithic Power Systems

Part # MPQ2166B
Download  MPQ2166B Click to download

File Size   2049.04 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified

MPQ2166B Datasheet (HTML) - Monolithic Power Systems


MPQ2166B Product details

DESCRIPTION
The MPQ2166B is an internally compensated, dual, pulse-width modulation (PWM), synchronous step-down regulator that operates from a 2.7V to 6V input voltage (VIN) and generates an output voltage (VOUT) as low as 0.6V. The MPQ2166B can be configured as a 2A/2A or 3A/1A output current (IOUT) regulator, and is ideal for a wide range of applications, including automotive infotainment, clusters, and telematics, as well as portable instruments.
The MPQ2166B integrates dual, 55mΩ, highside MOSFETs (HS-FETs) and 20mΩ synchronous rectifiers to achieve high efficiency without an external Schottky diode. The MPQ2166B offers peak current mode control and internal compensation, and is capable of low-dropout configurations. Both channels can operate at 100% duty cycle.
Full protection features include cycle-by-cycle current limiting and thermal shutdown.
The MPQ2166B requires a minimal number of readily available, standard external components, and is available in a QFN-18 (2.5mmx3.5mm) package.

FEATURES
• Cooler Thermals:
o Below 20°C Operating Junction Temperature (TJ) Rise at 2A/2A, 2.3MHz
o 90% Efficiency (5V to 1.8V, 2A, 2.3MHz)
o Low-Ohmic BCD FET Technology
• Low-Noise EMI and EMC:
o MeshConnectTM Flip-Chip Package
o Operates Outside of AM Radio Band
• Reduces Board Size and BOM:
o Integrated Compensation Network
o Available in a Small QFN-18 (2.5mmx3.5mm) Package
• Additional Features:
o Power Good (PG) Output
o External Soft Start (SS) and Tracking
o Over-Current Protection (OCP) with Hiccup Mode
o External Sync Clock
o 100% Duty Cycle Operation
o Available in AEC-Q100 Grade 1

APPLICATIONS
• Automotive Infotainment
• Automotive Clusters
• Automotive Telematics
• Battery-Powered Devices
• Portable Instruments




Similar Part No. - MPQ2166B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2166GD MPS-MPQ2166GD Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2166GD-AEC1 MPS-MPQ2166GD-AEC1 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2166GDE-AEC1 MPS-MPQ2166GDE-AEC1 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2166GRH MPS-MPQ2166GRH Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
More results


Similar Description - MPQ2166B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2108DQ-00A MPS-EV2108DQ-00A Datasheet
171Kb / 4P
2A, 6V, 720KHz Synchronous Buck Converter
logo
Linear Technology
LTC3546 LINER-LTC3546_15 Datasheet
367Kb / 30P
Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
logo
Monolithic Power System...
MPQ4420 MPS-MPQ4420 Datasheet
749Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MP2166 MPS-MP2166 Datasheet
1Mb / 21P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2169B MPS-MPQ2169B Datasheet
2Mb / 27P
6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
Rev. 1.0 12/20/2021
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com