Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet (PDF) - Monolithic Power Systems

MPQ2169B Datasheet PDF - Monolithic Power Systems
Part # MPQ2169B
Download  MPQ2169B Download
File Size   2390.33 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified

MPQ2169B Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ2169B Datasheet PDF - Monolithic Power Systems

Part # MPQ2169B
Download  MPQ2169B Click to download

File Size   2390.33 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified

MPQ2169B Datasheet (HTML) - Monolithic Power Systems


MPQ2169B Product details

DESCRIPTION
The MPQ2169B is an internally compensated,
dual, pulse-width modulation (PWM),
synchronous step-down regulator that operates
from a 2.7V to 6V input voltage (VIN) and
generates an output voltage (VOUT) as low as
0.6V. The MPQ2169B can be configured as a
1.4A/1.4A or 2A/0.8A output current (IOUT)
regulator, and is ideal for powering portable
equipment that runs on a single-cell Li-ion
battery due to its low 65μA quiescent current
(IQ).
The MPQ2169B integrates dual, 60mΩ, highside
MOSFETs (HS-FETs) and 25mΩ
synchronous rectifiers to achieve high efficiency
without an external Schottky diode. The
MPQ2169B offers peak current mode control
and internal compensation, and is capable of
low-dropout configurations. Both channels can
operate at 100% duty cycle.
Full protection features include cycle-by-cycle
current limiting and thermal shutdown.
The MPQ2169B requires a minimal number of
readily available, standard external
components, and is available in a QFN-18
(2.5mmx3.5mm) package.

FEATURES
• Cooler Thermals:
o Below 20°C Operating Junction
Temperature (TJ) Rise at 2A/0.8A,
2.3MHz
o 90% Efficiency (5V to 1.8V, 2A, 2.3MHz)
o Low-Ohmic BCD FET Technology
• Low Noise EMI and EMC:
o MeshConnectTM Flip-Chip Package
o Operates Outside of AM Radio Band
• Reduces Board Size and BOM:
o Integrated Compensation Network
o Available in a Small QFN-18
(2.5mmx3.5mm) Package
• Additional Features:
o Power Good (PG) Output
o External Soft Start (SS) and Tracking
o Over-Current Protection (OCP) with
Hiccup Mode
o External Sync Clock
o Forced Continuous Conduction Mode
(FCCM)
o 100% Duty Cycle Operation
o Available in AEC-Q100 Grade 1

APPLICATIONS
• Automotive Infotainment
• Automotive Clusters
• Automotive Telematics
• Battery-Powered Devices
• Portable Instruments




Similar Part No. - MPQ2169B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2166B MPS-MPQ2166B Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1 MPS-MPQ2166BGRHE-AEC1 Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-P MPS-MPQ2166BGRHE-AEC1-P Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-Z MPS-MPQ2166BGRHE-AEC1-Z Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
More results


Similar Description - MPQ2169B

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
logo
Monolithic Power System...
MP2166 MPS-MP2166 Datasheet
1Mb / 21P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com