Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2169B Datasheet HTML 1Page - Monolithic Power Systems MPQ2169B Datasheet HTML 2Page - Monolithic Power Systems MPQ2169B Datasheet HTML 3Page - Monolithic Power Systems MPQ2169B Datasheet HTML 4Page - Monolithic Power Systems MPQ2169B Datasheet HTML 5Page - Monolithic Power Systems MPQ2169B Datasheet HTML 6Page - Monolithic Power Systems MPQ2169B Datasheet HTML 7Page - Monolithic Power Systems MPQ2169B Datasheet HTML 8Page - Monolithic Power Systems MPQ2169B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MPQ2169B
6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,
Synchronous Buck with PG and SS,
AEC-Q100 Qualified
MPQ2169B Rev. 1.0
MonolithicPower.com
1
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MPQ2169B is an internally compensated,
dual,
pulse-width
modulation
(PWM),
synchronous step-down regulator that operates
from a 2.7V to 6V input voltage (VIN) and
generates an output voltage (VOUT) as low as
0.6V. The MPQ2169B can be configured as a
1.4A/1.4A or 2A/0.8A output current (IOUT)
regulator, and is ideal for powering portable
equipment that runs on a single-cell Li-ion
battery due to its low 65µA quiescent current
(IQ).
The MPQ2169B integrates dual, 60
mΩ, high-
side
MOSFETs
(HS-FETs)
and
25
mΩ
synchronous rectifiers to achieve high efficiency
without
an
external
Schottky
diode.
The
MPQ2169B offers peak current mode control
and internal compensation, and is capable of
low-dropout configurations. Both channels can
operate at 100% duty cycle.
Full protection features include cycle-by-cycle
current limiting and thermal shutdown.
The MPQ2169B requires a minimal number of
readily
available,
standard
external
components, and is available in a QFN-18
(2.5mmx3.5mm) package.
FEATURES
• Cooler Thermals:
o
Below 20°C Operating Junction
Temperature (TJ) Rise at 2A/0.8A,
2.3MHz
o
90% Efficiency (5V to 1.8V, 2A, 2.3MHz)
o
Low-Ohmic BCD FET Technology
• Low Noise EMI and EMC:
o
MeshConnectTM Flip-Chip Package
o
Operates Outside of AM Radio Band
• Reduces Board Size and BOM:
o
Integrated Compensation Network
o
Available in a Small QFN-18
(2.5mmx3.5mm) Package
• Additional Features:
o
Power Good (PG) Output
o
External Soft Start (SS) and Tracking
o
Over-Current Protection (OCP) with
Hiccup Mode
o
External Sync Clock
o
Forced Continuous Conduction Mode
(FCCM)
o
100% Duty Cycle Operation
o
Available in AEC-Q100 Grade 1
APPLICATIONS
• Automotive Infotainment
• Automotive Clusters
• Automotive Telematics
• Battery-Powered Devices
• Portable Instruments
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MPQ2169B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2166B MPS-MPQ2166B Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1 MPS-MPQ2166BGRHE-AEC1 Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-P MPS-MPQ2166BGRHE-AEC1-P Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-Z MPS-MPQ2166BGRHE-AEC1-Z Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
More results

Similar Description - MPQ2169B

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
logo
Monolithic Power System...
MP2166 MPS-MP2166 Datasheet
1Mb / 21P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com