Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MPQ2169B Datasheet HTML 18Page - Monolithic Power Systems MPQ2169B Datasheet HTML 19Page - Monolithic Power Systems MPQ2169B Datasheet HTML 20Page - Monolithic Power Systems MPQ2169B Datasheet HTML 21Page - Monolithic Power Systems MPQ2169B Datasheet HTML 22Page - Monolithic Power Systems MPQ2169B Datasheet HTML 23Page - Monolithic Power Systems MPQ2169B Datasheet HTML 24Page - Monolithic Power Systems MPQ2169B Datasheet HTML 25Page - Monolithic Power Systems MPQ2169B Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
22
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
The output voltage ripple (
∆VOUT) can be
estimated using Equation (6):
(
)
OUT
IN
OUT
OUT
IN
SW
SW
O
V
V
V
1
V
(ESR
)
V
L f
8 f
C
−
=
+
 
(6)
Power Dissipation
IC power dissipation is important in circuit
design, not only because of efficiency concerns,
but
also
because
of
the
c
hip’s thermal
requirements. Several parameters influence
power dissipation, such as conduction loss
(PCOND), dead time (DT), switching loss (PSW),
MOSFET driver current (PDR), and supply
current (PS).
Based on these parameters, the power loss
(PLOSS) can be calculated using Equation (7):
LOSS
COND
DT
SW
DR
S
P
P
P
P
P
P
=
+
+
+
+
(7)
Thermal Regulation
Changes in IC temperatures can change the
electrical characteristics, especially when the
temperature exceeds
the IC’s recommended
operating
range.
Managing
the
IC’s
temperature requires additional considerations
to ensure that the IC runs within the maximum
allowable temperature junction. Specific layout
designs can improve the thermal profile while
limiting losses to the efficiency and/or operating
range.
For the MPQ2169B, connect the ground pin on
the package to a ground plane on top of the
PCB, and use this plane as a heatsink. Connect
this ground plane to the ground planes beneath
the IC using vias to improve heat dissipation.
Given that these ground planes can introduce
unwanted EMI noise and occupy valuable PCB
space, design their size and shape to match the
thermal resistance requirement.
Connecting the ground pin to a heatsink does
not guarantee that the IC remains within its
recommended
temperature
limits
(e.g.
the
ambient temperature may exceed
the IC’s
temperature
limits).
If
the
ambient
air
temperature approaches the IC’s temperature
limit, the IC can be derated to operate using
less
power,
which
helps
prevent
thermal
damage
and
unwanted
electrical
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com