Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ2169B Datasheet HTML 2Page - Monolithic Power Systems MPQ2169B Datasheet HTML 3Page - Monolithic Power Systems MPQ2169B Datasheet HTML 4Page - Monolithic Power Systems MPQ2169B Datasheet HTML 5Page - Monolithic Power Systems MPQ2169B Datasheet HTML 6Page - Monolithic Power Systems MPQ2169B Datasheet HTML 7Page - Monolithic Power Systems MPQ2169B Datasheet HTML 8Page - Monolithic Power Systems MPQ2169B Datasheet HTML 9Page - Monolithic Power Systems MPQ2169B Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
6
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40°C to +150°C, typical values are at TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Quiescent supply current
IQ
VIN = 5V, VEN = 2V,
VFB = 0.65V, no switching
65
100
μA
Shutdown current
ISHDN
VEN = 0V, TJ = 25°C
0
0.2
μA
VEN = 0V
30
μA
Input under-voltage lockout
(UVLO) threshold
VUVLO
VIN1, VIN2, VCC rising
2.4
2.55
V
Input UVLO hysteresis
VUVLO_HYS
VIN1, VIN2, VCC UVLO
hysteresis
230
mV
Regulated FB voltage
VFB
TJ = 25°C
0.593
0.6
0.607
V
TJ = -40°C to +125°C
0.585
0.6
0.612
V
FB input current
IFB
VFB = 0.65V
0
150
nA
EN high threshold
VEN_H
0.7
0.9
1.1
V
EN low threshold
VEN_L
0.6
0.8
1
V
EN threshold hysteresis
VEN_HYS
100
mV
EN input current
IEN
VEN = 2V
0
150
nA
VEN = 0V
0
100
High-side MOSFET (HS-
FET) on resistance
RDSON_P
VIN = 5V
60
100
mΩ
Low-side MOSFET (LS-FET)
on resistance
RDSON_N
VIN = 5V
25
50
mΩ
SW leakage current
ISW_LK
VEN = 0V, VIN = 6V,
VSW = 0V and 6V, TJ = 25°C
-1
0
+1
μA
HS-FET current limit (8)
IHS_LIMIT
Source
3
4
6.2
A
LS valley current limit (8)
IVALLEY
3.4
A
LS-FET current limit
ILS_LIMIT
Sink
1
A
Switching frequency
fSW
RFREQ = 560k
Ω
350
410
470
kHz
RFREQ = 75k
Ω
1990
2290
2590
kHz
SYNC frequency range
fSYNC
0.35
3
MHz
SYNC rising threshold
VSYNC_R
1.95
2.15
2.35
V
SYNC falling threshold
VSYNC_F
1.5
1.7
1.9
V
SYNC threshold hysteresis
VSYNC_HYS
450
mV
SYNC input current
ISYNC
VSYNC = 5V
13
μA
Phase shift
180
degrees
Minimum on time (8)
tON_MIN
55
ns
Minimum off time (8)
tOFF_MIN
50
ns
Maximum duty cycle
DMAX
100
%
Thermal shutdown threshold
(8)
TD
175
°C
Thermal shutdown hysteresis
(8)
TD_HYS
40
°C
Soft-start charging current
ISS
VSS = 0V
2
3.2
5
μA
Power good (PG) rising
threshold
PGOODVTH-HI
0.85
0.9
0.95
VFB
PG falling threshold
PGOODVTH-LO
0.77
0.82
0.87
VFB
PG rising deglitch time
tPGOOD_R
30
μs
PG falling deglitch time
tPGOOD_F
40
μs
Note:
8) Not tested in production. Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com