Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ2169B Datasheet HTML 1Page - Monolithic Power Systems MPQ2169B Datasheet HTML 2Page - Monolithic Power Systems MPQ2169B Datasheet HTML 3Page - Monolithic Power Systems MPQ2169B Datasheet HTML 4Page - Monolithic Power Systems MPQ2169B Datasheet HTML 5Page - Monolithic Power Systems MPQ2169B Datasheet HTML 6Page - Monolithic Power Systems MPQ2169B Datasheet HTML 7Page - Monolithic Power Systems MPQ2169B Datasheet HTML 8Page - Monolithic Power Systems MPQ2169B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
4
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
PG2
Power good indicator for channel 2. The output of PG2 is an open drain. A pull-up
resistor to the power source is required if this pin is used. PG2 is pulled high when VFB2
reaches 90% of the reference voltage (VREF), and is pulled low to GND if VFB2 drops to 82%
of VREF.
2
PGND2
Power ground for channel 2. Connect PGND2 to the negative terminals of the input and
output capacitors with larger copper areas. PGND2 must be connected to PGND1
externally on the board.
3
SW2
Switch-node connection to the inductor for channel 2. SW2 connects to the internal
high-side MOSFETs (HS-FETs) and low-side MOSFETs (LS-FETs) of the channel 2 buck
converter.
4
VIN2
Input supply for channel 2. Place a decoupling capacitor to ground, close to VIN2, to
reduce switching spikes.
5
SS2
Soft start for channel 2. Place a capacitor from SS2 to GND to set the soft-start time (tSS)
externally. Floating this pin activates the internal default 0.5ms soft-start setting.
6
FB2
Feedback for channel 2. FB2 is the input to the error amplifier (EA) of channel 2. An
external resistor divider connects FB2 between the output and ground. The voltage on FB2
is compared to the internal 0.6V VREF to set the regulation voltage for channel 2.
7
AGND
Analog ground. Connect AGND to PGND1 and PGND2 externally on the board.
8
VCC
Power supply to the internal regulator for both channels. Decouple VCC with a 0.1µF
to 1µF capacitor, placed between VCC and AGND. Connect VIN1, VIN2, and VCC
together externally. It is not recommended to power them from a separate power supply.
9
FREQ
Frequency set. Connect a resistor to GND to set the switching frequency (fSW).
10
FB1
Feedback for channel 1. FB1 is the input to the EA of channel 1. An external resistor
divider connects FB1 between the output and GND. The voltage on FB1 is compared to
the internal 0.6V VREF to set the regulation voltage for channel 1.
11
SS1
Soft start for channel 1. Place a capacitor from SS1 to GND to set tSS externally. Floating
this pin activates the internal default 0.5ms soft-start setting.
12
VIN1
Input supply for channel 1. Place a decoupling capacitor to ground, close to VIN1, to
reduce switching spikes.
13
SW1
Switch-node connection to the inductor for channel 1. SW1 connects to the internal
HS-FETs and LS-FETs of the channel 1 buck converter.
14
PGND1
Power ground for channel 1. Connect PGND1 to the negative terminals of the input and
output capacitors with larger copper areas. PGND1 must be connected to PGND2
externally on the board.
15
PG1
Power good for channel 1. The output of PG1 is an open drain. A pull-up resistor to the
power source is required if this pin is used. PG1 is pulled high when VFB1 reaches 90% of
VREF, and is pulled low to GND if VFB1 drops to 82% of VREF.
16
EN1
Enable control for channel 1. Pull EN1 below the specified threshold (0.8V) to shut down
the chip. Pull EN above the threshold (0.9V) to enable the chip. Do not float EN1.
17
SYNC
Frequency sync. fSW can be synchronized by an external clock via the SYNC pin.
18
EN2
Enable control for channel 2. Pull EN2 below the specified threshold (0.8V) to shut down
the chip. Pull EN above the threshold (0.9V) to enable the chip. Do not float EN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com