Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ2169B Datasheet HTML 1Page - Monolithic Power Systems MPQ2169B Datasheet HTML 2Page - Monolithic Power Systems MPQ2169B Datasheet HTML 3Page - Monolithic Power Systems MPQ2169B Datasheet HTML 4Page - Monolithic Power Systems MPQ2169B Datasheet HTML 5Page - Monolithic Power Systems MPQ2169B Datasheet HTML 6Page - Monolithic Power Systems MPQ2169B Datasheet HTML 7Page - Monolithic Power Systems MPQ2169B Datasheet HTML 8Page - Monolithic Power Systems MPQ2169B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
3
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating**
MPQ2169BGRHE-AEC1***
QFN-18 (2.5mmx3.5mm)
See Below
1
* For Tape & Reel, add suffix -Z (e.g. MPQ2169BGRHE-AEC1-Z).
** Moisture Sensitivity Level Rating
*** Wettable Flank
TOP MARKING
BRB: Product code of MPQ2169BGRHE-AEC1
Y: Year code
WW: Week code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
1
2
3
4
13
12
11
10
PGND1
SW1
VIN1
FB1
FB2
VIN2
SW2
PGND2
SS1
PG1
SYNC
PG2
SS2
EN2
FREQ
AGND
EN1
VCC
5
6
15
14
QFN-18 (2.5mmx3.5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com