Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ2169B Datasheet HTML 1Page - Monolithic Power Systems MPQ2169B Datasheet HTML 2Page - Monolithic Power Systems MPQ2169B Datasheet HTML 3Page - Monolithic Power Systems MPQ2169B Datasheet HTML 4Page - Monolithic Power Systems MPQ2169B Datasheet HTML 5Page - Monolithic Power Systems MPQ2169B Datasheet HTML 6Page - Monolithic Power Systems MPQ2169B Datasheet HTML 7Page - Monolithic Power Systems MPQ2169B Datasheet HTML 8Page - Monolithic Power Systems MPQ2169B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
5
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ....................................6.5V
VSW .......................................-0.3V to VIN + 0.3V
All other pins............................... -0.3V to +6.5V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature ................ -65°C to +150°C
Continuous power dissipation (TA = 25°C) (2) (6)
QFN-18 (2.5mmx3.5mm) ...........................3.6W
ESD Ratings
Human body model (HBM)..................Class 2 (3)
Charged device model (CDM)........Class C2b (4)
Recommended Operating Conditions
Supply voltage (VIN) .......................... 2.7V to 6V
Output voltage (VOUT)..................... 0.6V to 5.5V
Operating junction temp (TJ) (5) ..........................
…………………………………...-40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-18 (2.5mmx3.5mm)
JESD51-7 (6).............................50……12….°C/W
EVQ2169B-RH-00A (7)...........34.8….2.7.....°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation can produce an excessive die
temperature, which may cause the regulator to go into
thermal
shutdown.
Internal
thermal
shutdown
circuitry
protects the device from permanent damage.
3) Per AEC-Q100-002.
4) Per AEC-Q100-011.
5) Operating devices at junction temperatures exceeding 125°C
is possible. Contact MPS for details.
6) Measured on JESD51-7, 4-layer PCB. The values given in
this table are only valid for comparison with other packages
and cannot be used for design purposes. These values were
calculated in accordance with JESD51-7, and simulated on a
specified
JEDEC
board.
They
do
not
represent
the
performance obtained in an actual application.
7) Measured
on
a
MPS
standard
EVB:
a
4-layer,
6.35cmx6.35cm PCB with 2oz thick copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com