Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MPQ2169B Datasheet HTML 19Page - Monolithic Power Systems MPQ2169B Datasheet HTML 20Page - Monolithic Power Systems MPQ2169B Datasheet HTML 21Page - Monolithic Power Systems MPQ2169B Datasheet HTML 22Page - Monolithic Power Systems MPQ2169B Datasheet HTML 23Page - Monolithic Power Systems MPQ2169B Datasheet HTML 24Page - Monolithic Power Systems MPQ2169B Datasheet HTML 25Page - Monolithic Power Systems MPQ2169B Datasheet HTML 26Page - Monolithic Power Systems MPQ2169B Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
23
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PCB Layout Guidelines (9)
Efficient
PCB
layout
is
critical
for
stable
operation.
A
4-layer
layout
is
strongly
recommended to improve thermal performance.
For the best results, refer to Figure 6 and follow
the guidelines below:
1. Connect PGND1 and PGND2 together at
PGND.
2. Place the high-current paths (PGND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
3. Place input capacitors on both sides of VIN,
as close to VIN and PGND as possible.
4. Place the decoupling capacitor as close to
VCC and AGND as possible.
5. Keep the switching node (SW) short, and
route it away from the feedback network.
6. Place the external feedback resistors next
to FB.
7. Do not place vias on the FB trace.
8. Connect PGND to a large copper area to
improve thermal performance.
Note:
9) The recommended PCB layout is based on Figure 7 on page
24.
Top Layer
Mid-Layer 1
Mid-Layer 2
Bottom Layer
Figure 6: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com