Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MPQ2169B Datasheet HTML 16Page - Monolithic Power Systems MPQ2169B Datasheet HTML 17Page - Monolithic Power Systems MPQ2169B Datasheet HTML 18Page - Monolithic Power Systems MPQ2169B Datasheet HTML 19Page - Monolithic Power Systems MPQ2169B Datasheet HTML 20Page - Monolithic Power Systems MPQ2169B Datasheet HTML 21Page - Monolithic Power Systems MPQ2169B Datasheet HTML 22Page - Monolithic Power Systems MPQ2169B Datasheet HTML 23Page - Monolithic Power Systems MPQ2169B Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
20
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Low-Side (LS) Current Limit Protection
The MPQ2169B has a -1A low-side (negative)
current limit. Once IL reaches the current limit,
the LS-FET immediately turns off and the HS-
FET turns on. The current limit prevents the
negative current from dropping too low and
possibly damaging the components.
Dropout Operation
The MPQ2169B allows the HS-FET to remain
on for more than one switching cycle, and
increases the duty cycle while VIN drops down
to VOUT. When the duty cycle reaches 100%,
the HS-FET turns on to deliver current to the
output up to its current limit. VOUT is then the
difference between VIN, the voltage drop across
the main switch, and the inductor.
Thermal Shutdown
The MPQ2169B employs thermal protection by
internally monitoring the IC temperature, which
prevents the chip from operating at exceedingly
high temperatures. If the junction temperature
exceeds the threshold value (typically 175°C),
the whole chip shuts down. There is a 40°C
hysteresis.
Once
the
junction
temperature
drops to about 135°C, the device initiates a soft
start and resumes normal operation. This is a
non-latch protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com