Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ2169B Datasheet HTML 7Page - Monolithic Power Systems MPQ2169B Datasheet HTML 8Page - Monolithic Power Systems MPQ2169B Datasheet HTML 9Page - Monolithic Power Systems MPQ2169B Datasheet HTML 10Page - Monolithic Power Systems MPQ2169B Datasheet HTML 11Page - Monolithic Power Systems MPQ2169B Datasheet HTML 12Page - Monolithic Power Systems MPQ2169B Datasheet HTML 13Page - Monolithic Power Systems MPQ2169B Datasheet HTML 14Page - Monolithic Power Systems MPQ2169B Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
11
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT1 = 1.8V, VOUT2 = 1.2V, L1 = L2 = 1.5µH, fSW = 2.3MHz, TA = 25°C, unless otherwise
noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com