Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MPQ2169B Datasheet HTML 15Page - Monolithic Power Systems MPQ2169B Datasheet HTML 16Page - Monolithic Power Systems MPQ2169B Datasheet HTML 17Page - Monolithic Power Systems MPQ2169B Datasheet HTML 18Page - Monolithic Power Systems MPQ2169B Datasheet HTML 19Page - Monolithic Power Systems MPQ2169B Datasheet HTML 20Page - Monolithic Power Systems MPQ2169B Datasheet HTML 21Page - Monolithic Power Systems MPQ2169B Datasheet HTML 22Page - Monolithic Power Systems MPQ2169B Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
19
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
1.0
1.5
2.0
2.5
3.0
3.5
50
70
90
110
130
150
RFREQ (kΩ)
fSW vs. RFREQ
0.2
0.4
0.6
0.8
1.0
1.2
1.4
150
250
350
450
550
650
RFREQ (kΩ)
fSW vs. RFREQ (continued)
Figure 4: fSW vs. RFREQ
Table 1 shows the fSW and RFREQ values.
Table 1: fSW vs. RFREQ
RFREQ
(
kΩ)
fSW
(kHz)
RFREQ
(
kΩ)
fSW
(kHz)
665
350
90
2000
499
460
84.5
2100
200
1000
78.7
2200
169
1200
75
2300
130
1500
51
3000
The internal fSW can also be synchronized to an
external clock applied at the SYNC pin. The
rising
edge
of
the
channel
1
clock
is
synchronized to the external clock
’s rising edge,
while the channel 2 clock remains 180° out-of-
phase from channel 1. The recommended
external SYNC frequency range is 350kHz to
3MHz.
While
there
is
no
pulse
width
requirement, note that there is always parasitic
capacitance on the pad. If the pulse width is too
short, a clear rising and falling edge may not be
seen. It is recommended to make the pulse
longer than 100ns.
Power Good (PG)
The MPQ2169B has one power good (PG)
output to indicate normal operation after SS.
PG is the open drain of an internal MOSFET. It
should be connected to VIN, VCC, or an
external voltage source through a resistor (e.g.
100k
Ω). After VIN is applied, the MOSFET turns
on and PG is pulled to GND before SS is ready.
After the FB voltage (VFB) reaches 90% of the
reference voltage (VREF), the MOSFET turns off
and PG is pulled high by an external voltage
source. If VFB drops to 82% of VREF, the PG
voltage is pulled to GND to indicate an output
failure.
Current Limit and Short Circuit
Each channel of the MPQ2169B has a typical
4A current limit for the HS-FET. Once the
inductor current (IL) reaches the current limit,
the HS-FET turns off immediately. Then the
low-side
MOSFET
(LS-FET)
turns
on
to
discharge the energy, and IL decreases. The
HS-FET does not turn on again until IL drops
below a specified current threshold (called the
valley current limit). This protection prevents IL
from
running
away
and
damaging
the
components.
If VFB drops below 60% of VREF and SS has
finished, the MPQ2169B treats this as a short
fault and attempts to recover with hiccup mode.
In hiccup mode, the MPQ2169B disables the
output power stage, slowly discharges CSS, and
soft starts automatically. If the short-circuit
condition still remains, the MPQ2169B repeats
this operation cycle until the short circuit is
removed and the output rises back to regulation
levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com