Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ2169B Datasheet HTML 17Page - Monolithic Power Systems MPQ2169B Datasheet HTML 18Page - Monolithic Power Systems MPQ2169B Datasheet HTML 19Page - Monolithic Power Systems MPQ2169B Datasheet HTML 20Page - Monolithic Power Systems MPQ2169B Datasheet HTML 21Page - Monolithic Power Systems MPQ2169B Datasheet HTML 22Page - Monolithic Power Systems MPQ2169B Datasheet HTML 23Page - Monolithic Power Systems MPQ2169B Datasheet HTML 24Page - Monolithic Power Systems MPQ2169B Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
21
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets VOUT. The
feedback resistor (R1) also sets the feedback
(FB)
loop
bandwidth
with
the
internal
compensation. Figure 5 shows the feedback
network.
FB
VOUT
R1
R2
Figure 5: Feedback Network
R1 is used to set the loop bandwidth, where a
lower R1 value means a higher bandwidth.
However, a high bandwidth may cause an
insufficient phase margin, resulting in loop
instability. Therefore, a proper R1 value must
make a tradeoff between the bandwidth and
phase margin. Table 2 lists the recommended
feedback resistor values for common output
voltages.
Table 2: Resistor Selection vs. Output Voltage
Setting
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
1.2V
100
100
1.5V
100
66.5
1.8V
100
49.9
2.5V
100
31.6
3.3V
100
22.1
If R1 is estimated to be 10
0kΩ, R2 can then be
calculated using Equation (2):
OUT
R1
R2
V
1
0.6V
=
−
(2)
If ceramic capacitors are used as output
capacitors
(CO),
then
the
feedback
loop
bandwidth (fC) should not exceed 1/10 of fSW for
optimal transient performance and good phase
margin. If an electrolytic capacitor is used, fC
should not exceed 1/4 of the ESR zero
frequency (fESR).
fESR can be calculated using Equation (3):
ESR
ESR
O
1
f
2
R
C
=
 
(3)
For example, choose fC = 80kHz with a ceramic
capacitor when CO = 22μF.
Selecting the Inductor
An inductor with a DC current rating at least
25% above the maximum load current is
recommended for most applications. For the
best efficiency, the inductor DC resistance
should be below 2
0mΩ. For most designs, the
inductance can be estimated using Equation (4):
SW
L
IN
OUT
IN
OUT
f
I
V
)
V
-
(V
V
L
=
(4)
Where
∆IL is the inductor ripple current.
Choose
∆IL to be approximately 30% of the
maximum load current. The maximum inductor
peak current (IL(MAX)) can be calculated using
Equation (5):
L
L(MAX)
LOAD
I
II
2
=+
(5)
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and the switching noise
from the device. The input capacitor impedance
at fSW should be below the input source
impedance to prevent high-frequency switching
current from passing to the input source.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 22µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor (CO) keeps the output
voltage ripple small and ensures a stable
regulation loop. The CO impedance should be
low at fSW. It is recommended to use ceramic
capacitors with X5R or X7R dielectrics. If an
electrolytic
capacitor
is
used,
pay
close
attention to the output ripple voltage, extra
heating,
and
the
selection
of
the
upper
feedback resistor due to the large ESR of
electrolytic capacitors (see the Setting the
Output Voltage section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com