Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MPQ2169B Datasheet HTML 19Page - Monolithic Power Systems MPQ2169B Datasheet HTML 20Page - Monolithic Power Systems MPQ2169B Datasheet HTML 21Page - Monolithic Power Systems MPQ2169B Datasheet HTML 22Page - Monolithic Power Systems MPQ2169B Datasheet HTML 23Page - Monolithic Power Systems MPQ2169B Datasheet HTML 24Page - Monolithic Power Systems MPQ2169B Datasheet HTML 25Page - Monolithic Power Systems MPQ2169B Datasheet HTML 26Page - Monolithic Power Systems MPQ2169B Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
24
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
3
5
13
11
6
SW1
FB1
FB2
SW2
10
1
18
16
15
SS1
PG1
PG2
SS2
EN2
EN1
MPQ2169B
22
μF
C1A
16V
0.1
μF
16V
2.7V to 6V
EN2
22
μF
C1B
16V
EN1
100k
Ω
R6
100k
Ω
R5
75k
Ω
R15
C5
50V
C4
100k
Ω
R13
C1C
C1D
22
μF
C2D
22
μF
C2C
VOUT2
1.5
μH
L2
100k
Ω
R9
22
μF
C2A
VOUT1
1.5
μH
L1
0805
0805
0805
0805
0603
0603
0603
0603
0603
16V
16V
0805
0805
16V
0805
1.5nF
0603
50V
1.5nF
0603
1.2V
1.8V
100k
Ω
R2
0603
100k
Ω
R1
0603
0.1
μF
16V
VIN
CHB
CHA
100k
Ω
R14
0603
49.9k
Ω
R10
0603
PG2
PG1
C2B
16V
0805
22
μF
10
Ω
R12
0603
10
Ω
R8
0603
16V
0.1
μF
C3
0603
Figure 7: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com