Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2169B Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MPQ2169B
Description  6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2169B Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MPQ2169B Datasheet HTML 14Page - Monolithic Power Systems MPQ2169B Datasheet HTML 15Page - Monolithic Power Systems MPQ2169B Datasheet HTML 16Page - Monolithic Power Systems MPQ2169B Datasheet HTML 17Page - Monolithic Power Systems MPQ2169B Datasheet HTML 18Page - Monolithic Power Systems MPQ2169B Datasheet HTML 19Page - Monolithic Power Systems MPQ2169B Datasheet HTML 20Page - Monolithic Power Systems MPQ2169B Datasheet HTML 21Page - Monolithic Power Systems MPQ2169B Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MPQ2169B
– 6V, DUAL 1.4A/1.4A OR 2A/0.8A SYNC BUCK REGULATOR, AEC-Q100
MPQ2169B Rev. 1.0
MonolithicPower.com
18
12/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MPQ2169B is a fully integrated, dual-
channel,
synchronous step-down converter.
Both channels use peak current mode control
with internal compensation for fast transient
response and cycle-to-cycle current limiting.
The MPQ2169B is optimized for low-voltage,
portable applications where efficiency and small
size are critical.
180° Out-of-Phase Operation
The MPQ2169B operates the two channels
180° out of phase to reduce input current ripple.
This allows for a smaller input bypass capacitor
to be used. When both channels operate in
continuous
conduction
mode
(CCM),
two
internal clocks are used (see Figure 2). The
high-side MOSFET (HS-FET) turns on at the
clock
’s rising edge of the corresponding
channel.
CLK1
CLK2
SW1
SW2
t
CLK1 and CLK2 have a 180° phase shift
Figure 2: 180° Out-of-Phase Operation
If the switching frequency (fSW) is stretched out
for each channel during low-dropout mode, the
MPQ2169B runs with a fixed off time and an
independent fSW. After the input voltage (VIN)
rises high again, frequency stretch mode ends.
Subsequently, pulse-width modulation (PWM)
mode resumes and synchronizes with the
master oscillator for out-of-phase operation.
Forced
Continuous
Conduction
Mode
(FCCM)
The MPQ2169B works in forced continuous
conduction
mode
(FCCM)
with
a
fixed
frequency from no load to full load. The
advantages
of
FCCM
are
its
controllable
frequency and lower output ripple under light-
load conditions.
FCCM
Inductor
Current
t
t
t
Load
Decreased
Figure 3: FCCM
Enable (EN)
EN is a digital control pin that turns the
regulator on and off.
When EN is pulled below the falling threshold
voltage (typically 0.8V), the chip shuts down.
Pulling EN above the rising threshold voltage
(typically 0.9V) turns on the part. Do not float
the EN pin, since there is no internal resister
from EN to GND. If EN is floated, the
part’s
status
is
uncertain,
which
may
lead
to
unexpected behavior.
Soft Start (SS)
The MPQ2169B has a built-in soft start (SS)
that ramps up the output voltage (VOUT) at a
controlled slew rate, preventing overshoot at
start-up. The soft-start time (tSS) is typically
about 0.5ms.
tSS can also be configured by an external
capacitor connected to the SS pin, and can be
calculated using Equation (1):
SS
REF
SS
SS
C (nF) V
(V)
t (ms)
I(
μA)
=
(1)
Where CSS is the external SS capacitor, VREF is
the internal reference voltage (0.6V), and ISS is
the 3.2µA SS charge current.
Oscillator and SYNC Function
The internal oscillator frequency is set by a
single
external
resistor
(RFREQ)
connected
between FREQ and ground. The frequency-
setting resistor should be placed close to the
device. Figure 4 on page 19 shows the
relationship between fSW and RFREQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com