Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1501 Datasheet (PDF) - Adafruit Industries

1501 Datasheet PDF - Adafruit Industries
Part # 1501
Download  1501 Download
File Size   130.22 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Trinket - Mini Microcontroller - 5V Logic

1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
1501 Datasheet PDF - Adafruit Industries

Part # 1501
Download  1501 Click to download

File Size   130.22 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Trinket - Mini Microcontroller - 5V Logic

1501 Datasheet (HTML) - Adafruit Industries


1501 Product details

DESCRIPTION
Trinket may be small, but do not be fooled by its size! It's a tiny microcontroller board, built around the
Atmel ATtiny85, a little chip with a lot of power. We wanted to design a microcontroller board that was
small enough to fit into any project, and low cost enough to use without hesitation. Perfect for when you
don't want to give up your expensive dev-board and you aren't willing to take apart the project you worked
so hard to design. It's our lowest-cost arduino-IDE programmable board!
The Attiny85 is a fun processor because despite being so small, it has 8K of flash, and 5 I/O pins,
including analog inputs and PWM 'analog' outputs. We designed a USB bootloader so you can plug it into
any computer and reprogram it over a USB port just like an Arduino. In fact we even made some simple
modifications to the Arduino IDE so that it works like a mini-Arduino board. You can't stack a big shield on
it but for many small & simple projects the Trinket will be your go-to platform.




Similar Part No. - 1501

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1501 3M-1501 Datasheet
173Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
logo
Videk Ltd
1501 VIDEK-1501 Datasheet
213Kb / 3P
SCSI System External SCSI Cables
logo
Renesas Technology Corp
1501-Z RENESAS-1501-Z Datasheet
546Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
logo
Turck, Inc.
15010 TURCK-15010 Datasheet
296Kb / 2P
Inductive Sensor
11/07/2023
logo
Heyco.
15010 HEYCO-15010 Datasheet
140Kb / 1P
Rotary Dampers – 20° Pressure Angle Series
More results


Similar Description - 1501

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
SP4T GSM Dualband Antenna Switch 5V Logic
logo
Linear Technology
LT1342 LINER-LT1342 Datasheet
245Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
logo
ATMEL Corporation
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
logo
Gunter Seniconductor Gm...
TFB4004 GSG-TFB4004 Datasheet
135Kb / 6P
ISDN Power Feeder with 5V Logic
logo
Fairchild Semiconductor
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
Linear Technology
LT1342 LINER-LT1342_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
logo
List of Unclassifed Man...
SI7021 ETC2-SI7021 Datasheet
1Mb / 18P
Adafruit Si7021 Temperature Humidity Sensor
BNO085 ETC-BNO085 Datasheet
2Mb / 38P
Adafruit 9-DOF Orientation IMU Fusion Breakout - BNO085
2021-03-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com