Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3792 Datasheet (PDF) - Multicomp Pro

2N3792 Datasheet PDF - Multicomp Pro
Part # 2N3792
Download  2N3792 Download
File Size   279.24 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

2N3792 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3792 Datasheet PDF - Multicomp Pro

Part # 2N3792
Download  2N3792 Click to download

File Size   279.24 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

2N3792 Datasheet (HTML) - Multicomp Pro


2N3792 Product details

Description:
PNP Silicon power transistor in a TO-3 package. Designed for medium-speed switching and amplifier applications.

Features:
• Excellent safe operating areas
• hfe (Min.) 25 and 50 @ Ic = 1A

Description
Power Transistor, Silicon, TO-3, PNP, 10A, 80V




Similar Part No. - 2N3792

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3792 MOSPEC-2N3792 Datasheet
116Kb / 3P
POWER TRANSISTORS(10A,150W)
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Boca Semiconductor Corp...
2N3792 BOCA-2N3792 Datasheet
124Kb / 3P
SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3792 MICROSEMI-2N3792 Datasheet
64Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3792 ETC-2N3792 Datasheet
347Kb / 8P
Power Transistors
More results


Similar Description - 2N3792

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com