Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3792 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N3792
Description  Bipolar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N3792 Datasheet(HTML) 1 Page - Multicomp Pro

  2N3792 Datasheet HTML 1Page - Multicomp Pro 2N3792 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
10/09/19
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description:
PNP Silicon power transistor in a TO-3 package. Designed for
medium-speed switching and amplifier applications.
Features:
• Excellent safe operating areas
• hfe (Min.) 25 and 50 @ Ic = 1A
Absolute Maximum Ratings:
Characteristic
Symbol
Rating
Collector - Base Voltage
Vcbo
80V
Collector - Emitter Voltage
Vceo
80V
Emitter - Base Voltage
Vebo
7V
Continuous Collector Current
Ic
10A
Base Current Continuous
Ib
4A
Total Device Dissipation (Tc = +25°C)
Derate above 25°C
Pd
150W
0.857mW/°C
Operating Junction Temperature Range
Tj
-65°C to +200°C
Parameter
Symbol
Test Conditions
Min. Max. Unit
OFF Characteristics
Collector - Emitter Breakdown Voltage (Note 1) V(br)ceo
Ic = 200mA, Ib = 0
80
-
V
Collector Cut-off Current
Icev
Vce = 80V, Veb(off) = 1.5V
-
1
mA
Emitter Cut-off Current
Iebo
Veb = 7V, Ic = 0
-
5
mA
ON Characteristics
(Note 1)
DC Current Gain
hfe
Vce = 2V, Ic = 1A
50
180
-
Vce = 2V, Ic = 3A
30
-
-
Collector - Emitter Saturation Voltage
Vce(sat)
Ic = 5A, Ib = 0.5A
-
1
V
Base - Emitter on Voltage
Vbe(on)
Ic = 5A, Ib = 2A
-
1.8
Ic = 10A, Ib = 4A
-
4
Small-Signal Characteristics
Current Gain-Bandwidth Product
ft
Vce = 10V, Ic = 500mA, f = 1MHz
4
-
MHz
Electrical Characteristics (Ta = 25°C unless otherwise specified)
Note 1: Pulse Test : Pulse Width % 300μs, Duty Cycle % 2%


Similar Part No. - 2N3792

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3792 MOSPEC-2N3792 Datasheet
116Kb / 3P
POWER TRANSISTORS(10A,150W)
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Boca Semiconductor Corp...
2N3792 BOCA-2N3792 Datasheet
124Kb / 3P
SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3792 MICROSEMI-2N3792 Datasheet
64Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3792 ETC-2N3792 Datasheet
347Kb / 8P
Power Transistors
More results

Similar Description - 2N3792

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com