Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF80IAAV Datasheet (PDF) - Texas Instruments

DAC38RF80IAAV Datasheet PDF - Texas Instruments
Part # DAC38RF80IAAV
Download  DAC38RF80IAAV Download
File Size   4590.99 Kbytes
Page   160 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL

DAC38RF80IAAV Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC38RF80IAAV Datasheet PDF - Texas Instruments

Part # DAC38RF80IAAV
Download  DAC38RF80IAAV Click to download

File Size   4590.99 Kbytes
Page   160 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL

DAC38RF80IAAV Datasheet (HTML) - Texas Instruments


DAC38RF80IAAV Product details

1 Features
• 14-bit resolution
• Maximum DAC sample rate: 9 GSPS
• Key Specifications:
– RF full-scale output power at 2.1 GHz:
• DAC38RF80/90/84: 0 dBm
• DAC38RF83/93/85: 3 dBm (with 2:1 balun)
– Spectral performance(on-chip PLL, DIFF):
• fDAC = 5898.24 MSPS, fOUT = 2.14 GHz
– WCDMA ACLR: 75 dBc
– WCDMA alt-ACLR: 77 dBc
• fDAC = 8847.36 MSPS, fOUT = 3.7 GHz
– 20 MHz LTE ACLR: 63 dBc
• fDAC = 9 GSPS, fOUT = 1.8 GHz
– IMD3 = 70 dBc (–6 dBFS, 10-MHz tone
spacing)
– NSD = –157 dBc/Hz
• Dual-band digital up-converter per DAC
– 6, 8, 10, 12, 16, 18, 20 or 24x interpolation
– 4 Independent NCOs with 48-bit resolution
• JESD204B Interface, subclass 1
– Support for multichip synchronization
– Maximum lane rate: 12.5 Gbps
• Single-ended output with integrated balun
(DAC38RF80/90/84) covering 700 MHz to 3800
MHz
• Internal PLL and VCO with bypass
– fC(VCO) = 5.9 or 8.9 GHz
• Power dissipation: 1.4 to 2.2 W/ch
• Power supplies: –1.8 V, 1 V, 1.8 V
• Package: 10 x 10 mm BGA, 0.8 mm pitch, 144-
balls

2 Applications
• Wireless communications
• Communications test equipment
• Arbitrary waveform generators
• Military software defined radios
• Radar and satellite communications (SATCOM)

3 Description
The DAC38RFxx is a family of high-performance,
dual/single-channel, 14-bit, 9-GSPS, RF-sampling
digital-to-analog converters (DACs) that are capable
of synthesizing wideband signals from 0 to 4.5 GHz.
A high dynamic range allows the DAC38RFxx family
to generate signals for a wide range of applications
including 3G/4G signals for wireless base-stations
and radar.
The devices feature a low-power JESD204B Interface
with up to 8 lanes with a maximum bit rate of 12.5
Gbps allowing an input data rate of 1.25 GSPS
complex per channel. The DAC38RFxx provides
two digital up-converters per channel, with multiple
options for interpolation rates. A digital quadrature
modulator with independent, frequency flexible NCOs
are available to support multi-band operation. An
optional low-jitter PLL/VCO simplifies the DAC
sampling clock generation by allowing use of a lower
frequency reference clock.




Similar Part No. - DAC38RF80IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF80IAAV TI1-DAC38RF80IAAV Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80IAAV TI1-DAC38RF80IAAV Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF80IAAVR TI1-DAC38RF80IAAVR Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80IAAVR TI1-DAC38RF80IAAVR Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
More results


Similar Description - DAC38RF80IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com