Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF80IAAV Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 3 Page - Texas Instruments

  DAC38RF80IAAV Datasheet HTML 1Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 2Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 3Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 4Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 5Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 6Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 7Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 8Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 160 page
background image
4 Device Comparison
Table 4-1. Device Comparison
Device
No. of
Channels
Output
Interpolation
VCO Center
Frequency
DAC38RF83
2
Differential
6-24
VCO0 = 5.9 GHz,
VCO1 = 8.85 GHz
DAC38RF93
2
12-24
VCO0 = 5.9 GHz,
VCO1 = 8.85 GHz
DAC38RF85
1
6-24
VCO0 = 5.9 GHz,
VCO1 = 8.85 GHz
DAC38RF80
2
Single ended
6-24
VCO0 = 5.9 GHz,
VCO1 = 8.85 GHz
DAC38RF90
2
12-24
VCO0 = 5.9 GHz,
VCO1 = 8.85 GHz
DAC38RF84
1
6-24
VCO0 = 5.9 GHz,
VCO1 = 8.85 GHz
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com