Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF80IAAV Datasheet(PDF) 71 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 71 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 67Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 68Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 69Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 70Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 71Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 72Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 73Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 74Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
Table 7-41. DAC output current (continued)
DACFS (7.5.72)
Signal current (mA)
Total bias current (mA)(1)
7
24
5
8
26
5
9
28
6
10
30
6
11
32
7
12
34
7
13
36
8
14
38
8
15
40
9
(1)
The bias current per each complementary output is half the total bias current
An external decoupling capacitor CEXT of 0.1 μF should be connected externally to terminal EXTIO for
compensation. RBIAS of 3.6 kΩ is recommended for setting the full-scale output current.
7.3.27 Current Steering DAC Architecture
The DACs in the DAC38RFxx consist of a segmented array of NMOS current sources, capable of sinking a
full-scale output current up to 40 mA (see Figure 7-27). Differential current switches direct the current to either
one of the complimentary output nodes VOUT1/2+ or VOUT1/2-. On the DAC38RF80/90/84 with integrated
balun, these output nodes are internal to the device. Complimentary output currents enable differential operation,
thus canceling out common mode noise sources (digital feed-through, on-chip and PCB noise), dc offsets, even
order distortion components, and increasing signal output power by a factor of four.
VDEE18N
(-1.8V)
VOUT1/2+
VOUT1/2-
100 :
Zext+
Zext-
VDDOUT18
IOUT+
IOUT-
Figure 7-27. Current Steering DAC Architecture
Referring to Figure 7-27, the total output current IOUTFS is fixed, and is switched to either the + or – output by
switches S(N):
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com