Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF80IAAV Datasheet(PDF) 84 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 84 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 80Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 81Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 82Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 83Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 84Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 85Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 86Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 87Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 160 page
background image
7.5.6 SYSREF Alignment Circuit Alarms Register (address = 0x05) [reset = variable]
Figure 7-39. SYSREF Alignment Circuit Alarms Register (ALM_SYSREF_DET)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
W0C
W0C
W0C
W0C
W0C
W0C
W0C
W0C
7
6
5
4
3
2
1
0
0
0
0
0
0
1
0
1
W0C
W0C
W0C
W0C
W0C
W0C
W0C
W0C
LEGEND: R/W = Read/Write; R = Read only; W0C = Write 0 to clear bit; -n = value after reset
Table 7-49. ALM_SYSREF_DET Field Descriptions
Bit
Field
Type
Reset
Description
15:9
Reserved
W0C
0000000
Reserved
8
ALM_SYSRPHASE4
W0C
0
If high the sysrefphase4 state has been observed in the
sysrefalign logic at least once since the last sysrefalign sync.
7
ALM_SYSRPHASE3
W0C
0
If high the sysrefphase3 state has been observed in the
sysrefalign logic at least once since the last sysrefalign sync.
6
ALM_SYSRPHASE2
W0C
0
If high the sysrefphase2 state has been observed in the
sysrefalign logic at least once since the last sysrefalign sync.
5
ALM_SYSRPHASE1
W0C
0
If high the sysrefphase1 state has been observed in the
sysrefalign logic at least once since the last sysrefalign sync.
4
ALM_ALIGN_TO_R3
W0C
0
If high the align_to_r3 state has been observed in the
sysrefalign logic at least once since the last sysrefalign sync.
TI Internal use only.
3
ALM_ALIGN_TO_R1
W0C
0
If high the align_to_r1 state has been observed in the
sysrefalign logic at least once since the last sysrefalign sync.
TI Internal use only.
2
ALM_SD0_PLL
W0C
0
Driven high if the PLL in the Serdes 0 block goes out of lock. A
false alarm is generated at startup when the PLL is locking. User
will have to reset this bit after start to monitor accurately.
1
ALM_SD1_PLL
W0C
0
Driven high if the PLL in the Serdes 1 block goes out of lock. A
false alarm is generated at startup when the PLL is locking. User
will have to reset this bit after start to monitor accurately.
0
PLL_LOCK
W0C
0
Asserted when PLL is unlocked.
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
84
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com