Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF80IAAV Datasheet(PDF) 76 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 76 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 72Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 73Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 74Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 75Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 76Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 77Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 78Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 79Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 160 page
background image
Figure 7-32 shows the serial interface timing diagram for a DAC38RFxx write operation. SCLK is the serial
interface clock input to DAC38RFxx. Serial data enable S DEN is an active low input to DAC38RFxx. SDIO is
serial data input. Input data to DAC38RFxx is clocked on the rising edges of SCLK.
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
tS(SDEN\)
tS(SDIO) tH(SDIO)
tSCLK
SDEN\
SCLK
SDIO
SDEN\
SCLK
SDIO
Figure 7-32. Serial Interface Write Timing Diagram
Figure 7-33 shows the serial interface timing diagram for a DAC38RFxx read operation. SCLK is the serial
interface clock input to DAC38RFxx. Serial data enable SDEN\ is an active low input to DAC38RFxx. SDIO is
serial data input during the instruction cycle. In 3 pin configuration, SDIO is data out from the DAC38RFxx during
the data transfer cycle, while SDO is in a high-impedance state. In 4 pin configuration, both SDIO and SDO are
data out from the DAC38RFxx during the data transfer cycle. At the end of the data transfer, SDIO and SDO will
output low on the final falling edge of SCLK until the rising edge of SDEN when they will 3-state.
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
td(Data)
SDEN\
SCLK
SDIO
SDEN\
SCLK
SDIO
SDO
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDO
Data n
Data n-1
Figure 7-33. Serial Interface Read Timing Diagram
n the SIF interface there are four types of registers:
7.4.5.1 NORMAL (RW)
The NORMAL register type allows data to be written and read from. All 16-bits of the data are registered at
the same time. There is no synchronizing with an internal clock thus all register writes are asynchronous with
respect to internal clocks. There are three subtypes of NORMAL:
1. AUTOSYNC: A NORMAL register that causes a sync to be generated after the write is finished. These are
used when it is desirable to synchronize the block after writing the register or for a single field that spans
across multiple registers. For instance, the NCO requires three 16-bit register writes to set the frequency.
Upon writing the last of these registers an autosync is generated to deliver the entire field to the NCO block
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
76
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com