Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF80IAAV Datasheet(PDF) 39 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 35Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 36Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 37Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 38Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 39Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 40Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 41Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 42Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 160 page
background image
PLL, a high loop bandwidth up to 60 MHz is more appropriate. Note that the use of ultra-high loop bandwidth
setting is not recommended for PLL multiply factor of less than 8.
A free running clock output is available when field ENDIVCLK in register SRDS_PLL_CFG (8.5.85) is set high. It
runs at a fixed divided-by-80 of the PLL output frequency and can be output on the ALARM pin by setting field
DTEST to “0001” (lanes 0 – 3) or “0010” (lanes 4 – 7) in register DTEST (8.5.76).
7.3.4 SerDes Equalizer
All channels of the DAC38RFxx incorporate an adaptive equalizer, which can compensate for channel insertion
loss by attenuating the low frequency components with respect to the high frequency components of the signal,
thereby reducing inter-symbol interference. Figure 7-9 shows the response of the equalizer, which can be
expressed in terms of the amount of low frequency gain and the frequency up to which this gain is applied (that
is, the frequency of the ’zero’). Above the zero frequency, the gain increases at 6 dB/octave until it reaches the
high frequency gain.
108
414
Log10MHz
-6.3
6
dB
Frequency
Figure 7-9. Equalizer Frequency Response
The equalizer can be configured through fields EQ and EQHLD in register SRDS_CFG1 (8.5.86). Table 7-6 and
Table 7-7 summarize the options. When enabled, the receiver equalization logic analyzes data patterns and
transition times to determine whether the low frequency gain should be increased or decreased. The decision
logic is implemented as a voting algorithm with a relatively long analysis interval. The slow time constant that
results reduces the probability of incorrect decisions but allows the equalizer to compensate for the relatively
stable response of the channel. The lock time for the adaptive equalizer is data dependent, and so it is not
possible to specify a generally applicable absolute limit. However, assuming random data, the maximum lock
time will be 6x106 divided by the CDR activity level. For field CDR in register SRDS_CFG1 (8.5.86) = 110, the
activity level is 1.5 x 106 UI.
When EQ = 0, finer control of gain boost is available using the EQBOOST IEEE1500 tuning chain field, as
shown in Table 7-8.
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com