Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA191 Datasheet (PDF) - Texas Instruments

INA191 Datasheet PDF - Texas Instruments
Part # INA191
Download  INA191 Download
File Size   1627.96 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package

INA191 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA191 Datasheet PDF - Texas Instruments

Part # INA191
Download  INA191 Click to download

File Size   1627.96 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package

INA191 Datasheet (HTML) - Texas Instruments


INA191 Product details

1 Features
• Low power:
– Supply voltage, VS: 1.7 V to 5.5 V
– Shutdown current: 100 nA (max INA191)
– Quiescent current: 43 μA at 25 °C (INA191)
• Low input bias currents: 100 pA (typical)
(enables microamp current measurement)
• Bidirectional current measurement (INA2191)
• Accuracy:
– ±0.25% max gain error (A2 to A5 devices)
– 7-ppm/°C gain drift (maximum)
– ±12 μV (maximum) offset voltage
– 0.13-μV/°C offset drift (maximum)
• Wide common-mode voltage: –0.2 V to +40 V
• Gain options:
– INAx191A1: 25 V/V
– INAx191A2: 50 V/V
– INAx191A3: 100 V/V
– INAx191A4: 200 V/V
– INAx191A5: 500 V/V
• Packages:
– INA191: 0.895-mm2 DSBGA
– INA2191: 1.79-mm2 DSBGA

2 Applications
• Notebook computers
• Cell phones
• Battery-powered devices
• Telecom equipment
• Power management
• Battery chargers

3 Description
The INAx191 is a low-power, voltage-output,
current-shunt monitor (also called a current-sense
amplifier) that is commonly used for overcurrent
protection, precision-current measurement for system
optimization, or in closed-loop feedback circuits. This
device can sense drops across shunts at commonmode
voltages from –0.2 V to +40 V, independent
of the supply voltage. The low input bias current
of the INAx191 permits the use of larger currentsense
resistors, and thus provides accurate current
measurements in the μA range. Five fixed gains
are available: 25 V/V, 50 V/V, 100 V/V, 200 V/V,
or 500 V/V. The low offset voltage of the zero-drift
architecture extends the dynamic range of the current
measurement, and allows for smaller sense resistors
with lower power loss while still providing accurate
current measurements.
The INA191 operates from a single 1.7-V to 5.5-
V power supply, drawing a maximum of 65 μA of
supply current when enabled and only 100 nA when
disabled. The device is specified over the operating
temperature range of –40 °C to +125 °C, and offered
in a DSBGA-6 (INA191) and DSBGA-12 (INA2191)
packages.




Similar Part No. - INA191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
INA191 TI1-INA191 Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
INA191 TI-INA191 Datasheet
2Mb / 41P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191 TI-INA191 Datasheet
2Mb / 42P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191A1IYFDR TI1-INA191A1IYFDR Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
More results


Similar Description - INA191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA191 TI-INA191_V01 Datasheet
2Mb / 41P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191 TI-INA191_V02 Datasheet
2Mb / 42P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA186-Q1 TI-INA186-Q1_V02 Datasheet
2Mb / 40P
INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA190-Q1 TI-INA190-Q1_V01 Datasheet
2Mb / 39P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com