Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA191 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA191 Datasheet(HTML) 1 Page - Texas Instruments

  INA191 Datasheet HTML 1Page - Texas Instruments INA191 Datasheet HTML 2Page - Texas Instruments INA191 Datasheet HTML 3Page - Texas Instruments INA191 Datasheet HTML 4Page - Texas Instruments INA191 Datasheet HTML 5Page - Texas Instruments INA191 Datasheet HTML 6Page - Texas Instruments INA191 Datasheet HTML 7Page - Texas Instruments INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB
and ENABLE in WCSP Package
1 Features
• Low power:
– Supply voltage, VS: 1.7 V to 5.5 V
– Shutdown current: 100 nA (max INA191)
– Quiescent current: 43 μA at 25 °C (INA191)
• Low input bias currents: 100 pA (typical)
(enables microamp current measurement)
• Bidirectional current measurement (INA2191)
• Accuracy:
– ±0.25% max gain error (A2 to A5 devices)
– 7-ppm/°C gain drift (maximum)
– ±12 μV (maximum) offset voltage
– 0.13-μV/°C offset drift (maximum)
• Wide common-mode voltage: –0.2 V to +40 V
• Gain options:
– INAx191A1: 25 V/V
– INAx191A2: 50 V/V
– INAx191A3: 100 V/V
– INAx191A4: 200 V/V
– INAx191A5: 500 V/V
• Packages:
– INA191: 0.895-mm2 DSBGA
– INA2191: 1.79-mm2 DSBGA
2 Applications
• Notebook computers
• Cell phones
• Battery-powered devices
• Telecom equipment
• Power management
• Battery chargers
3 Description
The
INAx191
is
a
low-power,
voltage-output,
current-shunt monitor (also called a current-sense
amplifier) that is commonly used for overcurrent
protection, precision-current measurement for system
optimization, or in closed-loop feedback circuits. This
device can sense drops across shunts at common-
mode voltages from –0.2 V to +40 V, independent
of the supply voltage. The low input bias current
of the INAx191 permits the use of larger current-
sense resistors, and thus provides accurate current
measurements in the µA range. Five fixed gains
are available: 25 V/V, 50 V/V, 100 V/V, 200 V/V,
or 500 V/V. The low offset voltage of the zero-drift
architecture extends the dynamic range of the current
measurement, and allows for smaller sense resistors
with lower power loss while still providing accurate
current measurements.
The INA191 operates from a single 1.7-V to 5.5-
V power supply, drawing a maximum of 65 µA of
supply current when enabled and only 100 nA when
disabled. The device is specified over the operating
temperature range of –40 °C to +125 °C, and offered
in a DSBGA-6 (INA191) and DSBGA-12 (INA2191)
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA191
DSBGA (6)
1.17 mm × 0.765 mm
INA2191
DSBGA (12)
1.17 mm × 1.53 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
ADC
ENABLE
VS
OUT
GND
IN+
IN±
LOAD
Microcontroller
Supply Voltage
1.7 V to 5.5 V
100 pA
(typical)
100 pA
(typical)
0.1 …F
RSENSE
INA191
INA2191 (½)
Bus Voltage
up to 40 V
REF
(1)
(1) REF pin only available on INA2191
Simplified Schematic
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
INA191 TI1-INA191 Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
INA191 TI-INA191 Datasheet
2Mb / 41P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191 TI-INA191 Datasheet
2Mb / 42P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191A1IYFDR TI1-INA191A1IYFDR Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
More results

Similar Description - INA191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA191 TI-INA191_V01 Datasheet
2Mb / 41P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA191 TI-INA191_V02 Datasheet
2Mb / 42P
INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA186-Q1 TI-INA186-Q1_V02 Datasheet
2Mb / 40P
INA186-Q1 AEC-Q100, 40-V, Bidirectional, High-Precision Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA190-Q1 TI-INA190-Q1_V01 Datasheet
2Mb / 39P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com