Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA191 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA191
Description  INAx191 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE in WCSP Package
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA191 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA191 Datasheet HTML 9Page - Texas Instruments INA191 Datasheet HTML 10Page - Texas Instruments INA191 Datasheet HTML 11Page - Texas Instruments INA191 Datasheet HTML 12Page - Texas Instruments INA191 Datasheet HTML 13Page - Texas Instruments INA191 Datasheet HTML 14Page - Texas Instruments INA191 Datasheet HTML 15Page - Texas Instruments INA191 Datasheet HTML 16Page - Texas Instruments INA191 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Time (100Ps/div)
0 V
D110
Supply Voltage
Output Voltage
VS = 5.0 V, A3 device
Figure 6-31. Brownout Recovery
Time (250 Ps/div)
0 V
D021
Enable
Output
VS = 5.0 V, A3 device
Figure 6-32. Enable and Disable Response
Differential Input Voltage (mV)
0
20
40
60
80
100
120
140
160
180
200
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
D120
IBN
IBP
VS = 5.0 V, A1 device
Figure 6-33. IB+ and IB– vs. Differential Input
Voltage (INA191)
Differential Input Voltage (mV)
0
5
10
15
20
25
30
35
40
45
50
55
-30
-20
-10
0
10
20
30
D007
IBP
IBN
VS = 5.0 V, A2, A3, A4, A5 devices
Figure 6-34. IB+ and IB– vs. Differential Input
Voltage (INA191)
Differential Input Voltage (mV)
-110 -90
-70
-50
-30
-10
10
30
50
70
90
110
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
IBN
IBP
VS = 5.0 V, VREF = VS /2, A1 device
Figure 6-35. IB+ and IB– vs. Differential Input
Voltage (INA2191)
Differential Input Voltage (mV)
-60
-40
-20
0
20
40
60
-35
-25
-15
-5
5
15
25
35
IBN
IBP
VS = 5.0 V, VREF = VS /2, A2, A3, A4, A5 devices
Figure 6-36. IB+ and IB– vs. Differential Input
Voltage (INA2191)
www.ti.com
INA191, INA2191
SLYS020C – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA191 INA2191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com