Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS250 Datasheet (PDF) - Texas Instruments

TMDS250 Datasheet PDF - Texas Instruments
Part # TMDS250
Download  TMDS250 Download
File Size   469.74 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5 Gbps 2-TO-1 DVI/HDMI SWITCH

TMDS250 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMDS250 Datasheet PDF - Texas Instruments

Part # TMDS250
Download  TMDS250 Click to download

File Size   469.74 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5 Gbps 2-TO-1 DVI/HDMI SWITCH

TMDS250 Datasheet (HTML) - Texas Instruments


TMDS250 Product details

1FEATURES
· Compatible with HDMI 1.3a
· Supports 2.5 Gbps Signaling Rate for 480i/p,
720i/p, and 1080i/p Resolutions up to 12-Bit
Color Depth
· Integrated Switchable Receiver Termination
· Selectable Receiver Equalization to
Accommodate to Different Input Cable
Lengths
· Intra-Pair Skew < 40 ps
· Inter-Pair Skew < 65 ps
· HBM ESD Protection Exceeds 8 kV to TMDS
Inputs
· 3.3-V Fixed Supply to TMDS I/Os
· 5-V Fixed Supply to HPD, DDC, and Source
Selection Circuits
· 64-Pin TQFP Package
· Footprint Compatible with 3-to-1 Switch
TMDS351 with Port 1 Disabled
· ROHS Compatible and 260°C Reflow Rated
· TMDS251 is Available with Port 3 Disabled and
Ports 1 and 2 Enabled
· Supports 5-V to 3.3-V Level Shifting on DDC
Links

APPLICATIONS
· Digital TV
· Digital Projector

DESCRIPTION
The TMDS250 is a 2-port digital video interface (DVI) or high-definition multimedia interface (HDMI) switch that
allows up to 2 DVI or HDMI ports to be switched to a single display terminal. Four TMDS channels, one hot plug
detector, and a digital display control (DDC) interface are supported on each port. Each TMDS channel supports
signaling rates up to 2.5 Gbps to allow 1080p resolution in 12-bit color depth.
The input port is enabled by configuring source selectors, S1 and S2. When an input port is selected, the TMDS
inputs are connected to the TMDS outputs through a 2-to-1 multiplexer, the MOSFET between the input DDC
channel and the output DDC channel is turned on, and the HPD output follows the state of the HPD_SINK. The
other input port is inactive with disconnected input terminations, disconnected TMDS inputs to the outputs,
disconnected DDC inputs to the outputs, and the HPD outputs are low state. Check the source selection look up
table for the details of port selections.
When S1 is high and S2 is low, all input terminations are disconnected, TMDS inputs are high impedance with
standard TMDS terminations, all internal MOSFETs are turned off to disable the DDC links, and all HPD outputs
are connected to the HPD_SINK. This allows the initiation of the HDMI physical address discovery process.
Termination resistors (50-Ω), pulled up to VCC, are integrated at each TMDS receiver input. External terminations
are not required. A precision resistor is connected externally from the VSADJ pin to ground for setting the
differential output voltage to be compliant with the TMDS standard.




Similar Part No. - TMDS250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250PAGR TI-TMDS250PAGR Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
More results


Similar Description - TMDS250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
AD8190 AD-AD8190 Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
logo
Texas Instruments
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
3-TO-1 DVI/HDMI SWITCH
TMDS351 TI-TMDS351 Datasheet
533Kb / 25P
2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
4-TO-2 DVI/HDMI SWITCH
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
4-TO-2 DVI/HDMI SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com