Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANLP1011 Datasheet (PDF) - Infinite Electronics International, Inc.

FMANLP1011 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMANLP1011
Download  FMANLP1011 Download
File Size   587.21 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 5725-5850 MHz, 16 dBi, Gain, V-pol, Type N Female

FMANLP1011 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMANLP1011 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMANLP1011
Download  FMANLP1011 Click to download

File Size   587.21 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 5725-5850 MHz, 16 dBi, Gain, V-pol, Type N Female

FMANLP1011 Datasheet (HTML) - Infinite Electronics International, Inc.


FMANLP1011 Product details

Features:
• Frequency coverage for
5725 MHz to 5850 MHz
• Very High Gain 16 dBi
Directional Antenna
• Each connector covers wide
band of frequencies
• Easy Install universal
mounting bracket provided
• Weatherproof ABS radome
• Pigtail – 9 inches
• N-Type Female connector




Similar Part No. - FMANLP1011

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANLP1010 FAIRVIEW-FMANLP1010 Datasheet
585Kb / 3P
3400-3600 MHz, 14 dBi, Gain, V-pol, Type N Female
REV 1.0 A
FMANLP1012 FAIRVIEW-FMANLP1012 Datasheet
650Kb / 3P
698-4200, 10-11 dBi gain, Log Periodic, Type N Female, Low PIM
REV 1.0 A
FMANLP1013 FAIRVIEW-FMANLP1013 Datasheet
650Kb / 3P
698-4200, 10-11 dBi gain, Log Periodic, Type N Female
REV 1.0 A
FMANLP1014 FAIRVIEW-FMANLP1014 Datasheet
649Kb / 3P
698-6000 MHz, 10 to 11 dBi gain, Log Periodic, Type N Female, Low PIM
REV 1.0 A
FMANLP1015 FAIRVIEW-FMANLP1015 Datasheet
651Kb / 3P
698-6000 MHz, 10 to 11 dBi gain, Log Periodic, Type N Female
REV 1.0 A
More results


Similar Description - FMANLP1011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
PE51036 PASTERNACK-PE51036 Datasheet
66Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 10.0 dBi
PE51039 PASTERNACK-PE51039 Datasheet
66Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 10 dBi
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 12 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51125 PASTERNACK-PE51125 Datasheet
381Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz 3.8 dBi
PE51128 PASTERNACK-PE51128 Datasheet
70Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz, 6 dBi
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1042 PASTERNACK-PE51OM1042 Datasheet
352Kb / 3P
8 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com