Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANLP1014 Datasheet (PDF) - Infinite Electronics International, Inc.

FMANLP1014 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMANLP1014
Download  FMANLP1014 Download
File Size   649.81 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 698-6000 MHz, 10 to 11 dBi gain, Log Periodic, Type N Female, Low PIM

FMANLP1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMANLP1014 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMANLP1014
Download  FMANLP1014 Click to download

File Size   649.81 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 698-6000 MHz, 10 to 11 dBi gain, Log Periodic, Type N Female, Low PIM

FMANLP1014 Datasheet (HTML) - Infinite Electronics International, Inc.


FMANLP1014 Product details

Features:
• Frequency coverage for
698 MHz to 6000 MHz
• Very High Gain 11 dBi Low
PIM Directional Antenna
• Each connector covers wide
band of frequencies
• Easy Install universal
mounting bracket provided
• Weatherproof ABS – UV
Resistance PVC radome
• Pigtail - 8 inches
• N-Type Female connector




Similar Part No. - FMANLP1014

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANLP1010 FAIRVIEW-FMANLP1010 Datasheet
585Kb / 3P
3400-3600 MHz, 14 dBi, Gain, V-pol, Type N Female
REV 1.0 A
FMANLP1011 FAIRVIEW-FMANLP1011 Datasheet
587Kb / 3P
5725-5850 MHz, 16 dBi, Gain, V-pol, Type N Female
REV 1.0 A
FMANLP1012 FAIRVIEW-FMANLP1012 Datasheet
650Kb / 3P
698-4200, 10-11 dBi gain, Log Periodic, Type N Female, Low PIM
REV 1.0 A
FMANLP1013 FAIRVIEW-FMANLP1013 Datasheet
650Kb / 3P
698-4200, 10-11 dBi gain, Log Periodic, Type N Female
REV 1.0 A
FMANLP1015 FAIRVIEW-FMANLP1015 Datasheet
651Kb / 3P
698-6000 MHz, 10 to 11 dBi gain, Log Periodic, Type N Female
REV 1.0 A
More results


Similar Description - FMANLP1014

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK-HLP-2603 TDK-TDK-HLP-2603 Datasheet
61Kb / 2P
Hybrid Log Periodic Antenna
logo
Pulse A Technitrol Comp...
DASCOUPXXDBNF PULSE-DASCOUPXXDBNF Datasheet
166Kb / 2P
Directional Coupler, 698-2700 MHz, Low PIM
DASCOUP10DBNF PULSE-DASCOUP10DBNF Datasheet
166Kb / 2P
Directional Coupler 698-2700 MHz, Low PIM
logo
Pasternack Enterprises,...
PE51168 PASTERNACK-PE51168 Datasheet
425Kb / 5P
Low PIM Multi Band Dome Antenna Operates From 698 MHz to 5.9 GHz With a Typical 6 dBi Gain N Female Input Connector
logo
TDK Electronics
HLP-3003C TDK-HLP-3003C Datasheet
86Kb / 2P
Hybrid Log Periodic Antenna
logo
Suzhou Maswell Communic...
AN_MASTER_005MIMO MASWELL-AN_MASTER_005MIMO Datasheet
1Mb / 17P
Maswell 5G High Gain Ultra Wideband Log Periodic Antenna
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com