Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1044-QL Datasheet (PDF) - Mimix Broadband

XP1044-QL Datasheet PDF - Mimix Broadband
Part # XP1044-QL
Download  XP1044-QL Download
File Size   200.15 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 4.9-5.9 GHz 3W Power Amplifier Module

XP1044-QL Datasheet (PDF)

Go To PDF Page Download Datasheet
XP1044-QL Datasheet PDF - Mimix Broadband

Part # XP1044-QL
Download  XP1044-QL Click to download

File Size   200.15 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 4.9-5.9 GHz 3W Power Amplifier Module

XP1044-QL Datasheet (HTML) - Mimix Broadband




Similar Part No. - XP1044-QL

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
1Mb / 10P
3W Power Amplifier ModuleMarch
logo
M/A-COM Technology Solu...
XP1044-QL MA-COM-XP1044-QL Datasheet
1Mb / 10P
3W Power Amplifier Module
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL_10 Datasheet
1Mb / 10P
3W Power Amplifier ModuleMarch
logo
M/A-COM Technology Solu...
XP1044-QL MA-COM-XP1044-QL_15 Datasheet
1Mb / 10P
3W Power Amplifier Module
More results


Similar Description - XP1044-QL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
4.9 - 5.9 GHz 5V Power Amplifier
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
4.9-5.9 GHz WLAN Linear Power Amplifier Module
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
4.9 - 5.9 GHz 5V Power Amplifier
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
4.9-5.9 GHz High-Linearity Power Amplifier
08/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com