Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1044-QL Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1044-QL
Description  4.9-5.9 GHz 3W Power Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1044-QL Datasheet(HTML) 2 Page - Mimix Broadband

  XP1044-QL Datasheet HTML 1Page - Mimix Broadband XP1044-QL Datasheet HTML 2Page - Mimix Broadband XP1044-QL Datasheet HTML 3Page - Mimix Broadband XP1044-QL Datasheet HTML 4Page - Mimix Broadband XP1044-QL Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P1044-QL
Page 2 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
4.9-5.9 GHz
3W Power Amplifier Module
February 2008 - Rev 20-Feb-08
XP1044-QL: ACPR vs. Output Power
WCDMA, Vdd = 8V, Idq1 = 440mA, Idq2 = 660mA (Idd = 1100mA)
-60
-55
-50
-45
-40
-35
-30
22.5
23
23.5
24
24.5
25
25.5
26
26.5
27
27.5
28
Output Power (dBm)
4.9GHz
5.0GHz
5.1GHz
5.2GHz
5.3GHz
5.4GHz
5.5GHz
5.6GHz
5.7GHz
5.8GHz
5.9GHz
6,0GHz
XP1044-QL: OIP3 vs. Output Power
Vdd = 8V, Idq1 = 550mA, Idq2 = 660mA (Idd = 1210mA)
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
18
19
20
21
22
23
24
25
26
27
28
Output Power Per Tone (dBm)
4.9 GHz
5.0GHz
5.1GHz
5.2GHz
5.3GHz
5.4Hz
5.5GHz
5.6GHz
5.7GHz
5.8GHz
5.9GHz
6.0GHz
XP1044-QL: OIP3 vs. Output Power
Vdd = 8V, Idq1 = 440mA, Idq2 = 660mA (Idd = 1100mA)
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
18
19
20
21
22
23
24
25
26
27
28
Output Power Per Tone (dBm)
4.9 GHz
5.0GHz
5.1GHz
5.2GHz
5.3GHz
5.4Hz
5.5GHz
5.6GHz
5.7GHz
5.8GHz
5.9GHz
6.0GHz
XP1044-QL: OIP3 vs. Output Power
Vdd = 8V, Idq1 = 220mA, Idq2 = 660mA (Idd = 880mA)
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
18
20
22
24
26
28
Output Power Per Tone (dBm)
4.9 GHz
5.0GHz
5.1GHz
5.2GHz
5.3GHz
5.4Hz
5.5GHz
5.6GHz
5.7GHz
5.8GHz
5.9GHz
6.0GHz
XP1044-QL: P1dB vs. Freq
Vdd = 8V
30
30.5
31
31.5
32
32.5
33
33.5
34
34.5
35
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6
Freq (GHz)
Idq1 = 550, Idq2 = 660mA
Idq1 = 440, Idq2 = 660mA
XP1044-QL: Gain Vs Freq
Vdd = 8V
10
11
12
13
14
15
16
17
18
19
20
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6
Freq (GHz)
Idq1= 550, Idq2 = 660mA
Idq1 = 440, Idq2 = 660mA
Typical Performance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com