Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPRM2 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPRM2 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPRM2
Download  FMPRM2 Download
File Size   600.35 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Non-Penetrating Peak Roof Mount 60-inch Mast and 34-inch Extra Pole, 2-pole Version, Galvanized Steel with Powder Coating

FMPRM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPRM2 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPRM2
Download  FMPRM2 Click to download

File Size   600.35 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Non-Penetrating Peak Roof Mount 60-inch Mast and 34-inch Extra Pole, 2-pole Version, Galvanized Steel with Powder Coating

FMPRM2 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPRM2 Product details

Features
• Easy assembly instructions
• Contains peak roof mount and secondary arm
• 5 ft tall center mast
• Secondary arm of 2.75 ft
• Powder coated galvanized steel
• Operating windspeeds up to 50 KM/h (31 mph)
• Survival windspeeds up to 100 KM/h (62 mph)
• All assembly hardware included
• Optional rubber mat for max surface tension/protection
• Standard 16” x 8” cinder blocks (Not included)
• 150-degree max angle for roof pitch




Similar Part No. - FMPRM2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPRM2-KIT FAIRVIEW-FMPRM2-KIT Datasheet
526Kb / 4P
Non-Penetrating Peak Roof Mount 60-inch Mast, 34-inch Extra Pole and 2 Rubber Mats, 2-pole Version, Galvanized Steel with Powder Coating
A
More results


Similar Description - FMPRM2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0073 MOLEX11-130147-0073 Datasheet
42Kb / 1P
Watertite Extra Hard Outdoor Plug with Locking Blade, 2 Pole/3 Wire
130147-0075 MOLEX11-130147-0075 Datasheet
42Kb / 1P
Watertite Extra Hard Outdoor Plug, 2 Pole/3 Wire
130146-0100 MOLEX11-130146-0100 Datasheet
42Kb / 1P
Watertite Extra Hard Outdoor Connector with Locking Blade, 2 Pole/3 Wire
1301460096 MOLEX11-1301460096 Datasheet
35Kb / 1P
Watertite Extra Hard Outdoor Receptacle with Locking Blade, 2 Pole/3 Wire
1301470097 MOLEX11-1301470097 Datasheet
35Kb / 1P
Watertite Extra Hard Outdoor Connector with Locking Blade, 2 Pole/3 Wire
1301470022 MOLEX11-1301470022 Datasheet
34Kb / 1P
Watertite Extra Hard Outdoor Plug with Locking Blade, 2 Pole/3 Wire
logo
HARTING Technology Grou...
09-40-703-5412 HARTING-09-40-703-5412 Datasheet
501Kb / 2P
Han 3HPR-C-SL-with cord-powder coating
09-40-703-0301 HARTING-09-40-703-0301 Datasheet
453Kb / 2P
Han 3HPR-HBM-TL, powder coating
09-40-703-0311 HARTING-09-40-703-0311 Datasheet
562Kb / 2P
Han 3HPR-HBM-SL, powder coating
logo
WAGO Kontakttechnik Gmb...
787-6716-9000-1000 WAGO-787-6716-9000-1000 Datasheet
86Kb / 2P
Pluggable connector, 7/8 inch; 7/8 inch; 3-pole
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com