Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPRM2 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMPRM2
Description  Non-Penetrating Peak Roof Mount 60-inch Mast and 34-inch Extra Pole, 2-pole Version, Galvanized Steel with Powder Coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPRM2 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMPRM2 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPRM2 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPRM2 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPRM2 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
2
© 2023 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
Non-Penetrating Peak Roof Mount 60-inch
Mast and 34-inch Extra Pole, 2-pole Version,
Galvanized Steel with Powder Coating
FMPRM2
Configuration
Note:
•
Ballast data should be determined by a local professional engineer. Adequate ballast material
must be determined and provided by others
•
Prior to installation, verify that the installation, roof material and supporting structures have
been investigated and found capable to withstand load
•
Place ballast material (i.e., cinder blocks, concrete blocks, etc.) evenly on both side with at least
4 on each side, total 8 blocks per mount approx. 300lbs over all base angles (Estimated
Operational Ballast)
•
All antenna installations MUST be grounded
•
Fairview Microwave RECOMMENDS THAT BALLAST MATERIAL ALWAYS BE PLACED PRIOR TO
MOUNTING ANTENNAS AND THAT THE MOUNT BE SECURED TO PREVENT HAZARDS FROM
OCCURRING UNDER EXTREME WIND LOADING CONDITION
•
Inspect all bolts and screws for optimal tightness (recommended torque 13-14 lbs-ft.) to ensure
there is no loose gaps after installation
•
Recommended to use self -tapping screws provided with mount to reduce the loading of the
roof if working environment is allowed to drill
•
Inspect the mount, antennas, and tightness of nuts at six-month maximum intervals
Operational
50 Km/h (31 mph)
Under recommended Load
Survival
100 Km/h (62 mph)
Under recommended Load
CONTACT A LOCAL PROFESSIONAL ENGINEER TO DETERMINE PROPER LOADING vs BALLAST WEIGHTS
Operational: It is workable under 50km/h wind speeds.
Survival: The products may be deformed but will not fly away.
Mechanical Specifications
Size
Length
59.84 in [151.99 cm]
Width
5.9 in [149.86 mm]
Height
7.28 in [184.91 mm]
Weight
57.3 lbs [25.99 kg]
Environmental Specifications
Temperature
Operating Range
-40 to +80 deg C
Wind Velocity
31 MPH [49.89KPH]
Plating
Powder Coat
Material
Galvanized Steel
Package Quantity
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com