Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1120 Datasheet (PDF) - Semtech Corporation

LR1120 Datasheet PDF - Semtech Corporation
Part # LR1120
Download  LR1120 Download
File Size   1163.52 Kbytes
Page   45 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Power Wi-Fi/ GNSS Scanner & Multi-band LoRa® Transceiver

LR1120 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR1120 Datasheet PDF - Semtech Corporation

Part # LR1120
Download  LR1120 Click to download

File Size   1163.52 Kbytes
Page   45 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Power Wi-Fi/ GNSS Scanner & Multi-band LoRa® Transceiver

LR1120 Datasheet (HTML) - Semtech Corporation


LR1120 Product details

The LR1120 is an ultra-low power, long range multi-band LoRa®
transceiver targeting geolocation applications. It integrates a long
range LoRa® modem, a multi- constellation global navigation
satellite system (GNSS) scanner, and a passive Wi-Fi® Access Point
MAC address scanner.
For LPWAN use cases, the LR1120 supports LoRa and (G)FSK
modulation on both sub-GHz and 2.4GHz bands, Sigfox®
modulation on sub-GHz bands, and Long Range Frequency Hopping
Spread Spectrum (LR-FHSS) on sub-GHz and 2.4GHz ISM bands, as
well as L (1.525-1.660GHz) and S (1.9-2.1GHz) bands for direct
satellite communications.
The LR1120 complies with the physical layer requirements of the
LoRaWAN® specification released by LoRa Alliance®, while
remaining highly configurable to meet different application
requirements and proprietary protocols.
The transceiver is suitable for systems targeting compliance with
radio standards including but not limited to ETSI EN 300 220, FCC
CFR 47 Part 15, ARIB, and Chinese regulatory requirements.
Besides world-wide sub-GHz and 2.4GHz communication
capabilities, the very-low power multi-band front-end is capable of
acquiring several signals of opportunity used for geolocation:
• 802.11b/g/n Wi-Fi Access Point MAC addresses
• GNSS (GPS, BeiDou, geostationary) satellite signals
Acquired information is transmitted over an LPWAN network to a
geolocation server. The geolocation server analyses the signal
information and calculates the LR1120's position with data from a
geolocation database, enabling a valuable balance between low
power and performance.
The LR1120 geolocation capability is further increased by
Bluetooth® Low Energy beaconing compatibility to allow indoor
and outdoor geolocation use cases, as well as a powerful sub-GHz
ranging engine for localization and recovery of lost assets in
logistics applications.




Similar Part No. - LR1120

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1120 UTC-LR1120 Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
LR1120 UTC-LR1120 Datasheet
155Kb / 4P
LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
logo
Semtech Corporation
LR1120 SEMTECH-LR1120 Datasheet
1Mb / 45P
Low Power Wi-Fi/ GNSS Scanner & Multi-band LoRa® Transceiver
Rev 2.0 Dec 2023
logo
Unisonic Technologies
LR1120G-18-AF5-A-R UTC-LR1120G-18-AF5-A-R Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
LR1120G-18-AF5-R UTC-LR1120G-18-AF5-R Datasheet
155Kb / 4P
LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
More results


Similar Description - LR1120

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
logo
Broadcom Corporation.
ACFM-W1G7 BOARDCOM-ACFM-W1G7 Datasheet
189Kb / 2P
Mid/High Cellular Bands, Wi-Fi, GNSS Triplexer
logo
Quectel Wireless Soluti...
MC90 QUECTEL-MC90 Datasheet
760Kb / 2P
LCC Quad-band GSM/GPRS/GNSS/Wi-Fi Module
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
AUREL S.p.A.
650201415G AUREL-650201415G Datasheet
108Kb / 1P
LOW POWER TM LoRa transceiver
15.10.2016 - Rev A
logo
Texas Instruments
CC3301 TI-CC3301 Datasheet
594Kb / 10P
CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
MARCH 2023
logo
Silicon Laboratories
WF200 SILABS-WF200 Datasheet
885Kb / 38P
Wi-Fi® Network Co-Processor
Rev. 1.1
WGM160P SILABS-WGM160P Datasheet
1Mb / 46P
WGM160P Wi-Fi® Module
Rev. 1.3
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com