Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6502END3 Datasheet (PDF) - Rohm

R6502END3 Datasheet PDF - Rohm
Part # R6502END3
Download  R6502END3 Download
File Size   2176.17 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 650V 3.05ohm(typ.) Power MOSFET

R6502END3 Datasheet (PDF)

Go To PDF Page Download Datasheet
R6502END3 Datasheet PDF - Rohm

Part # R6502END3
Download  R6502END3 Click to download

File Size   2176.17 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 650V 3.05ohm(typ.) Power MOSFET

R6502END3 Datasheet (HTML) - Rohm


R6502END3 Product details

Features
1) Low on-resistance
2) Fast switching
3) Drive circuits can be simple
4) Parallel use is easy
5) Pb-free lead plating ; RoHS compliant

Application
Switching




Similar Part No. - R6502END3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R6502END3 ISC-R6502END3 Datasheet
360Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - R6502END3

ManufacturerPart #DatasheetDescription
logo
Rohm
R6520KNZ4 ROHM-R6520KNZ4 Datasheet
2Mb / 15P
Nch 650V 20A Power MOSFET
R6504KND3 ROHM-R6504KND3 Datasheet
2Mb / 14P
Nch 650V 4A Power MOSFET
R6507KND3 ROHM-R6507KND3 Datasheet
2Mb / 14P
Nch 650V 7A Power MOSFET
R6509KND3 ROHM-R6509KND3 Datasheet
2Mb / 14P
Nch 650V 9A Power MOSFET
R6511END3 ROHM-R6511END3 Datasheet
2Mb / 14P
Nch 650V 11A Power MOSFET
R6511KND3 ROHM-R6511KND3 Datasheet
2Mb / 14P
Nch 650V 11A Power MOSFET
R6530KNX3 ROHM-R6530KNX3 Datasheet
2Mb / 14P
Nch 650V 30A Power MOSFET
R6530ENZ4 ROHM-R6530ENZ4 Datasheet
1Mb / 14P
Nch 650V 30A Power MOSFET
20200108 - Rev.002
R6530KNZ4 ROHM-R6530KNZ4 Datasheet
1Mb / 14P
Nch 650V 30A Power MOSFET
20200108 - Rev.002
R6535KNZ4 ROHM-R6535KNZ4 Datasheet
1Mb / 14P
Nch 650V 35A Power MOSFET
20200108 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com