Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG2002 Datasheet (PDF) - SG Micro Corp

SG2002 Datasheet PDF - SG Micro Corp
Part # SG2002
Download  SG2002 Download
File Size   588.0 Kbytes
Page   11 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 300mA, Low Power, Low Noise Low Dropout, Linear Regulators

SG2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG2002 Datasheet PDF - SG Micro Corp

Part # SG2002
Download  SG2002 Click to download

File Size   588.0 Kbytes
Page   11 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 300mA, Low Power, Low Noise Low Dropout, Linear Regulators

SG2002 Datasheet (HTML) - SG Micro Corp


SG2002 Product details

GENERAL DESCRIPTION
The SG2002/A series low-power, low-noise, low-dropout, CMOS linear voltage regulators operate from a 2.5V to 5.5V input and deliver up to 300mA. They are the perfect choice for low voltage, low power applications. An ultra low ground current (110µA at 300mA output) makes this part attractive for battery operated power systems. The SG2002/A series also offer ultra low dropout voltage (210mV at 300mA output) to prolong battery life in portable electronics. Systems requiring a quiet voltage source, such as RF applications, will benefit from the SG2002/A series’ ultra low output noise (30µVRMS). An external noise bypass capacitor connected to the device’s BP pin can further reduce the noise level.

FEATURES
- Low Output Noise: 30µVRMS typ(10Hz to 100KHz)
- Ultra-Low Dropout Voltage: 210mV at 300mA output
- Low 77µA No-Load Supply Current
- Low 110µA Operating Supply Current at 300mA Output
- Thermal-Overload Protection
- Output Current Limit
- Preset Output Voltages (±1.6% Accuracy)
- 10nA Logic-Controlled Shutdown
- Available in Multiple Output Voltage Versions
    Fixed Outputs of 1.5V, 1.8V, 2.5V, 2.8V, 2.85V, 3.0V,3.3V, and 5.0V
    Adjustable Output from 1.5V to 5.0V

APPLICATIONS
    Cellular Telephones
    Cordless Telephones
    PHS Telephones
    PCMCIA Cards
    Modems
    MP3 Player
    Hand-Held Instruments
    Palmtop Computers
    Electronic Planners
    Portable/Battery-Powered Equipment




Similar Part No. - SG2002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2002 MICROSEMI-SG2002 Datasheet
98Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
194Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results


Similar Description - SG2002

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9131 GMT-G9131 Datasheet
264Kb / 10P
300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
300mA , Low Power, Low Dropout, Linear Regulators
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
Low Power, Low Dropout, 300mA, RF - Linear Regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com