Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM2014 Datasheet (PDF) - SG Micro Corp

SGM2014 Datasheet PDF - SG Micro Corp
Part # SGM2014
Download  SGM2014 Download
File Size   569.95 Kbytes
Page   11 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Low Power, Low Dropout, 250mA, RF - Linear Regulators

SGM2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM2014 Datasheet PDF - SG Micro Corp

Part # SGM2014
Download  SGM2014 Click to download

File Size   569.95 Kbytes
Page   11 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Low Power, Low Dropout, 250mA, RF - Linear Regulators

SGM2014 Datasheet (HTML) - SG Micro Corp


SGM2014 Product details

GENERAL DESCRIPTION
The SGM2014 series low-power, low-noise, low-dropout, CMOS linear voltage regulators operate from a 2.5V to 5.5V input and deliver up to 250mA. They are the perfect choice for low voltage, low power applications.

FEATURES
- Low Output Noise: 30µVRMS TYP(10Hz to 100kHz)
- Ultra-Low Dropout Voltage: 250mV at 250mA Output
- Low 85µA No-Load Supply Current
- Low 160µA Operating Supply Current at 250mA Output
- High PSRR (73dB at 1kHz)
- Quick Auto-Discharge in Shutdown Status
- Thermal-Overload Protection
- Output Current Limit
- 10nA Logic-Controlled Shutdown
- Available in Multiple Output Voltage Versions Fixed Outputs of 1.5V, 1.8V, 2.5V, 2.8V, 2.85V, 3.0V, 3.3V

APPLICATIONS
    Cellular Telephones
    Cordless Telephones
    PHS Telephones
    PCMCIA Cards
    Modems
    MP3 Player
    Hand-Held Instruments
    Palmtop Computers
    Electronic Planners
    Portable/Battery-Powered Equipment




Similar Part No. - SGM2014

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2014 SONY-SGM2014 Datasheet
51Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
57Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
107Kb / 4P
GaAs N-channel Dual Gate MES FET?
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2014AN SONY-SGM2014AN Datasheet
57Kb / 5P
GaAs N-channel Dual Gate MES FET
More results


Similar Description - SGM2014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
250mA Low Dropout Voltage Regulators
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
Low Dropout 250mA Linear Regulator
logo
SG Micro Corp
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
Low Power Low Dropout RF-Linear Regulators
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
500mA Ultra Low Dropout Low Power, RF Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com