Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVB71122 Datasheet (PDF) - Melexis Microelectronic Systems

EVB71122 Datasheet PDF - Melexis Microelectronic Systems
Part # EVB71122
Download  EVB71122 Download
File Size   921.35 Kbytes
Page   32 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 300 to 930MHz Receiver Evaluation Board Description

EVB71122 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVB71122 Datasheet PDF - Melexis Microelectronic Systems

Part # EVB71122
Download  EVB71122 Click to download

File Size   921.35 Kbytes
Page   32 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 300 to 930MHz Receiver Evaluation Board Description

EVB71122 Datasheet (HTML) - Melexis Microelectronic Systems


EVB71122 Product details

General Description
The MLX71122 is a multi-channel RF receiver IC based on a double-conversion super-heterodyne architecture. It is designed to receive FSK and ASK modulated RF signals either in 8 predefined frequency channels or frequency programmable via a 3-wire serial programming interface (SPI).
The IC is designed for a variety of applications, for example in the European bands at 433MHz and 868MHz or for the use in North America or Asia, e.g. at 315MHz, 447MHz or 915MHz.

Features
❐ Programmable PLL synthesizer
❐ 8-channel preconfigured or fully programmable SPI mode
❐ Double super-heterodyne receiver architecture with 2nd mixer as image rejection mixer
❐ Reception of FSK, FM and ASK modulated signals
❐ Low shut-down and operating currents
❐ Build-in acceptance of input frequency variations
❐ On-chip IF filter
❐ Fully integrated FSK/FM demodulator
❐ RSSI for level indication and ASK detection
❐ 2nd order low-pass data filter
❐ Positive and negative peak detectors
❐ Data slicer (with averaging or peak-detector adaptive threshold)
❐ EVB programming software is available on Melexis web site

Application Examples
❐ General digital and analog RF receivers at 300 to 930MHz
❐ Tire pressure monitoring systems (TPMS)
❐ Remote keyless entry (RKE)
❐ Low power telemetry systems
❐ Alarm and security systems
❐ Active RFID tags
❐ Remote controls
❐ Garage door openers
❐ Home and building automation




Similar Part No. - EVB71122

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71122-315-C MELEXIS-EVB71122-315-C Datasheet
1Mb / 31P
300 to 930MHz Receiver Evaluation Board Description
EVB71122-433-C MELEXIS-EVB71122-433-C Datasheet
1Mb / 31P
300 to 930MHz Receiver Evaluation Board Description
EVB71122-868-C MELEXIS-EVB71122-868-C Datasheet
1Mb / 31P
300 to 930MHz Receiver Evaluation Board Description
EVB71122-915-C MELEXIS-EVB71122-915-C Datasheet
1Mb / 31P
300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
300 to 930MHz Receiver Evaluation Board Description
More results


Similar Description - EVB71122

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB7122 MELEXIS-EVB7122 Datasheet
807Kb / 24P
27 to 930MHz Transceiver Evaluation Board Description
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
315/433MHz Receiver Evaluation Board Description
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
868/915MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
300 to 930MHz FSK/FM/ASK Receiver
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
300 to 930MHz FSK/FM/ASK Receiver
MLX71122 MELEXIS-MLX71122_16 Datasheet
2Mb / 59P
300 to 930MHz FSK/FM/ASK Receiver
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com