Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVB71121 Datasheet (PDF) - Melexis Microelectronic Systems

EVB71121 Datasheet PDF - Melexis Microelectronic Systems
Part # EVB71121
Download  EVB71121 Download
File Size   1171.44 Kbytes
Page   18 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 300 to 930MHz Receiver Evaluation Board Description

EVB71121 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVB71121 Datasheet PDF - Melexis Microelectronic Systems

Part # EVB71121
Download  EVB71121 Click to download

File Size   1171.44 Kbytes
Page   18 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 300 to 930MHz Receiver Evaluation Board Description

EVB71121 Datasheet (HTML) - Melexis Microelectronic Systems


EVB71121 Product details

General Description
The MLX71121 is a multi-band, single-channel RF receiver based on a double-conversion super-heterodyne architecture. It can receive FSK and ASK modulated signals. The IC is designed for general purpose applications for example in the European bands at 433MHz and 868MHz or for similar applications in North America or Asia, e.g. at 315MHz or 915MHz.
The receiver’s extended temperature and supply voltage ranges make the device a perfect fit for automotive or similar applications where harsh environmental conditions are expected.

Features
❐ Dual RF input for antenna space and frequency diversity, LNA cascading or differential feeding
❐ Fully integrated PLL-based synthesizer
❐ 2nd mixer with image rejection
❐ Reception of ASK or FSK modulated signals
❐ Wide operating voltage and temperature ranges
❐ Very low standby current consumption
❐ Low operating current consumption
❐ Internal IF filter
❐ Internal FSK demodulator
❐ Average or peak detection data slicer mode
❐ RSSI output with high dynamic range for RF level indication
❐ Output noise cancellation filter
❐ MCU clock output
❐ High over-all frequency accuracy

Application Examples
❐ General digital and analog RF receivers at 300 to 930MHz
❐ Tire pressure monitoring systems (TPMS)
❐ Remote keyless entry (RKE)
❐ Low power telemetry systems
❐ Alarm and security systems
❐ Active RFID tags
❐ Remote controls
❐ Garage door openers
❐ Home and building automation




Similar Part No. - EVB71121

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
EVB71120-315-ASK-A MELEXIS-EVB71120-315-ASK-A Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
EVB71120-315-ASK-C MELEXIS-EVB71120-315-ASK-C Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
EVB71120-315-C MELEXIS-EVB71120-315-C Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
EVB71120-315-C MELEXIS-EVB71120-315-C Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
More results


Similar Description - EVB71121

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB7122 MELEXIS-EVB7122 Datasheet
807Kb / 24P
27 to 930MHz Transceiver Evaluation Board Description
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
315/433MHz Receiver Evaluation Board Description
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
868/915MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
300 to 930MHz Receiver Evaluation Board Description
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
300 to 930MHz FSK/FM/ASK Receiver
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
300 to 930MHz FSK/FM/ASK Receiver
MLX71122 MELEXIS-MLX71122_16 Datasheet
2Mb / 59P
300 to 930MHz FSK/FM/ASK Receiver
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
300 to 930MHz Receiver Evaluation Board Description
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com