Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVB71121 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # EVB71121
Description  300 to 930MHz Receiver Evaluation Board Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71121 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  EVB71121 Datasheet HTML 1Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 2Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 3Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 4Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PR
EL
IM
INA
RY
EVB71121
300 to 930MHz Receiver
Evaluation Board Description
39012 71121 01
Page 2 of 18
EVB Description
Rev. 003
Jan/08
Document Content
1
Theory of Operation ...................................................................................................3
1.1
General ............................................................................................................................. 3
1.2
Technical Data Overview.................................................................................................. 3
1.3
Block Diagram .................................................................................................................. 4
1.4
Operating Modes .............................................................................................................. 5
1.5
Frequency Range ............................................................................................................. 5
1.6
LNA Selection ................................................................................................................... 5
1.7
Demodulation Selection.................................................................................................... 5
1.8
Data Slicer ........................................................................................................................ 5
2
Frequency Planning ...................................................................................................6
2.1
Calculation of Frequency Settings .................................................................................... 7
2.2
Standard Frequency Plans ............................................................................................... 8
2.3
433/868MHz Frequency Diversity .................................................................................... 8
3
Dual-Channel Application Circuits for FSK & ASK Reception ...............................9
3.1
Peak Detector Data Slicer ................................................................................................ 9
3.1.1
Component Arrangement Top Side (Peak Detection Data Slicer) ............................................ 10
3.2
Averaging Data Slicer Configured for-Bi Phase Codes .................................................. 11
3.2.1
Component Arrangement Top Side (Averaging Data Slicer) .................................................... 12
3.3
Component List for Antenna Space Diversity ................................................................. 13
3.4
PCB Layouts for Antenna Space Diversity ..................................................................... 14
4
Board Variants..........................................................................................................14
5
Package Description ................................................................................................15
5.1
Soldering Information ..................................................................................................... 15
6
Reliability Information .............................................................................................16
7
ESD Precautions ......................................................................................................16
8
Disclaimer .................................................................................................................18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com