Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVB71121 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # EVB71121
Description  300 to 930MHz Receiver Evaluation Board Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71121 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button EVB71121 Datasheet HTML 9Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 10Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 11Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 12Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 13Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 14Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 15Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 16Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PR
EL
IM
INA
RY
EVB71121
300 to 930MHz Receiver
Evaluation Board Description
39012 71121 01
Page 13 of 18
EVB Description
Rev. 003
Jan/08
3.3
Component List for Antenna Space Diversity
Below table is for all application circuits shown in Figures 3.1 and 3.2
Part
Size
Value @
315 MHz
Value @
433.92 MHz
Value @
868.3 MHz
Value @
915 MHz
Tol.
Description
C3
0603
100 pF
100 pF
100 pF
100 pF
±5%
LNA input filtering capacitor
C4
0603
4.7 pF
3.9 pF
2.2 pF
1.5 pF
±5%
LNA output tank capacitor
C5
0603
100 pF
100 pF
100 pF
100 pF
±5%
MIX1 positive input matching capacitor
C6
0603
100 pF
100 pF
100 pF
100 pF
±5%
MIX1 negative input matching capacitor
C7
0603
NIP
NIP
3.9 pF
NIP
±5%
matching capacitor
C8
0603
NIP
NIP
1.0 pF
NIP
±5%
matching capacitor
CB0
0805
33 nF
33 nF
33 nF
33 nF
±10% decoupling capacitor,
CB1
0603
330 pF
330 pF
330 pF
330 pF
±10% decoupling capacitor,
CB2
0603
330 pF
330 pF
330 pF
330 pF
±10% decoupling capacitor,
CB3
0603
330 pF
330 pF
330 pF
330 pF
±10% decoupling capacitor,
CF1
0603
680 pF
680 pF
680 pF
680 pF
±10%
data low-pass filter capacitor,
for data rate of 4 kbps NRZ
CF2
0603
330 pF
330 pF
330 pF
330 pF
±10%
data low-pass filter capacitor,
for data rate of 4 kbps NRZ
value according to the date rate
CF3
0603
connected to ground if noise filter not used
±10% optional capacitance for noise filter
CP1
0603
33 nF
33 nF
33 nF
33 nF
±10%
PKDET positive filtering capacitor,
for data rate of 4 kbps NRZ
CP2
0603
33 nF
33 nF F
33 nF
33 nF
±10%
PKDET negative filtering capacitor,
for data rate of 4 kbps NRZ
CRS
0603
1 nF
1 nF
1 nF
1 nF
±10%
RSSI output low pass capacitor,
for data rate of 4 kbps NRZ
CRO
0603
1 nF
1 nF
1 nF
1 nF
±5%
optional capacitor,
to couple external RO signal
100 nF
100 nF
100 nF
100 nF
CSL
0603
for averaging detection mode only
±10%
data slicer capacitor,
for data rate of 4 kbps NRZ
CX
0603
27 pF
27 pF
27 pF
27 pF
±5%
crystal series capacitor
L1
0603
56 nH
27 nH
0
Ω
0
Ω
±5%
matching inductor
L2
0603
27 nH
15 nH
3.9 nH
3.9 nH
±5%
LNA output tank inductor
L3
0603
0
Ω
68 nH
22 nH
0
Ω
±5%
matching inductor
L4
0603
56 nH
82 nH
22 nH
0
Ω
±5%
matching inductor
RCL
0603
3.3 k
Ω
3.3 k
Ω
3.3 k
Ω
3.3 k
Ω
±5%
optional CLK output resistor,
to clock output signal generated
SAW
FIL
SMD
3x3
SAFDC315M
SM0T00
(315 MHz)
SAFCC433M
BL0X00
(433.92 MHz)
SAFCC868M
SL0X00
(868.3 MHz)
SAFCC915M
AL0N00
(915 MHz)
low-loss SAW filter from Murata
or equivalent part
17.60000
MHz
24.206667
MHz
24.169444
MHz
25.46667
MHz
XTAL
SMD
5x3.2
±20ppm cal., ±30ppm temp.
fundamental-mode crystal
Note:
NIP – not in place, may be used optionally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com