Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1005-BD Datasheet (PDF) - Mimix Broadband

XP1005-BD Datasheet PDF - Mimix Broadband
Part # XP1005-BD
Download  XP1005-BD Download
File Size   281.72 Kbytes
Page   7 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 35.0-43.0 GHz GaAs MMIC Power Amplifier

XP1005-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XP1005-BD Datasheet PDF - Mimix Broadband

Part # XP1005-BD
Download  XP1005-BD Click to download

File Size   281.72 Kbytes
Page   7 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 35.0-43.0 GHz GaAs MMIC Power Amplifier

XP1005-BD Datasheet (HTML) - Mimix Broadband


XP1005-BD Product details

General Description
Mimix Broadband’s four stage 35.0-43.0 GHz GaAs MMIC power amplifier has a small signal gain of 26.0 dB with a +24.0 dBm saturated output power. The device also includes Lange couplers to achieve good output return loss. This MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
• Excellent Saturated Output Stage
• Balanced Design Provides Good Output Match
• 26.0 dB Small Signal Gain
• +24.0 dBm Saturated Output Power
• 100% On-Wafer RF, DC and Output Power Testing
• 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XP1005-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1005-BD MIMIX-XP1005-BD Datasheet
932Kb / 7P
35.0-43.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2_15 Datasheet
899Kb / 9P
Power Amplifier
logo
Mimix Broadband
XP1005-BD MIMIX-XP1005-BD_11 Datasheet
932Kb / 7P
35.0-43.0 GHz GaAs MMIC
More results


Similar Description - XP1005-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1002 MIMIX-XB1002 Datasheet
412Kb / 6P
36.0-43.0 GHz GaAs MMIC Buffer Amplifier
XB1005 MIMIX-XB1005 Datasheet
1Mb / 12P
35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
27.0-35.0 GHz GaAs MMIC Power Amplifier
XP1005 MIMIX-XP1005 Datasheet
426Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
35.0-45.0 GHz GaAs MMIC Power Amplifier
XB1005-BD MIMIX-XB1005-BD Datasheet
737Kb / 12P
35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
17.0-35.0 GHz GaAs MMIC
XP1005-BD MIMIX-XP1005-BD_11 Datasheet
932Kb / 7P
35.0-43.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XU1006-BD MA-COM-XU1006-BD Datasheet
1Mb / 1P
35.0-42.0 GHz GaAs MMIC
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
27.0-35.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com