Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1018 Datasheet (PDF) - Mimix Broadband

XP1018 Datasheet PDF - Mimix Broadband
Part # XP1018
Download  XP1018 Download
File Size   306.36 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 35.0-45.0 GHz GaAs MMIC Power Amplifier

XP1018 Datasheet (PDF)

Go To PDF Page Download Datasheet
XP1018 Datasheet PDF - Mimix Broadband

Part # XP1018
Download  XP1018 Click to download

File Size   306.36 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 35.0-45.0 GHz GaAs MMIC Power Amplifier

XP1018 Datasheet (HTML) - Mimix Broadband


XP1018 Product details

General Description
Mimix Broadband’s four stage 35.0-45.0 GHz GaAs MMIC power amplifier has a small signal gain of 23.0 dB with a +25.0 dBm P1dB output compression point. This MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
• Excellent Transmit Output Stage
• Output Power Adjust
• 23.0 dB Small Signal Gain
• +25.0 dBm P1dB Compression Point
• 100% On-Wafer RF, DC and Output Power Testing
• 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XP1018

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1018-BD MIMIX-XP1018-BD Datasheet
358Kb / 8P
37.0-42.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1018-BD MA-COM-XP1018-BD Datasheet
353Kb / 8P
37.0-42.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1018-BD-000X MIMIX-XP1018-BD-000X Datasheet
358Kb / 8P
37.0-42.0 GHz GaAs MMIC Power Amplifier
XP1018-BD-EV1 MIMIX-XP1018-BD-EV1 Datasheet
358Kb / 8P
37.0-42.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1018-BD MA-COM-XP1018-BD_15 Datasheet
353Kb / 8P
Power Amplifier
More results


Similar Description - XP1018

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1005 MIMIX-XB1005 Datasheet
1Mb / 12P
35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XL1004 MIMIX-XL1004 Datasheet
158Kb / 6P
35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
27.0-35.0 GHz GaAs MMIC Power Amplifier
XP1005 MIMIX-XP1005 Datasheet
426Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
XB1005-BD MIMIX-XB1005-BD Datasheet
737Kb / 12P
35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XL1004-BD MIMIX-XL1004-BD Datasheet
159Kb / 6P
35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
35.0-45.0 GHz GaAs MMIC
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
35.0-45.0 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
27.0-35.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com