Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL1004-BD Datasheet (PDF) - Mimix Broadband

XL1004-BD Datasheet PDF - Mimix Broadband
Part # XL1004-BD
Download  XL1004-BD Download
File Size   159.31 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 35.0-45.0 GHz GaAs MMIC Low Noise Amplifier

XL1004-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XL1004-BD Datasheet PDF - Mimix Broadband

Part # XL1004-BD
Download  XL1004-BD Click to download

File Size   159.31 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 35.0-45.0 GHz GaAs MMIC Low Noise Amplifier

XL1004-BD Datasheet (HTML) - Mimix Broadband


XL1004-BD Product details

General Description
Mimix Broadband’s three stage balanced 35.0-45.0 GHz GaAs MMIC low noise amplifier has a small signal gain of 17.0 dB with a noise figure of 1.8 dB across the band. This MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
◆ Balanced Design
◆ Excellent Input/Output Match
◆ Self-biased Architecture
◆ 17.0 dB Small Signal Gain
◆ 1.8 dB Noise Figure
◆ 100% On-Wafer RF, DC and Noise Figure Testing
◆ 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XL1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1004 MIMIX-XL1004 Datasheet
158Kb / 6P
35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
More results


Similar Description - XL1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1005 MIMIX-XB1005 Datasheet
1Mb / 12P
35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XL1001 MIMIX-XL1001 Datasheet
428Kb / 8P
17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1004 MIMIX-XL1004 Datasheet
158Kb / 6P
35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
27.0-35.0 GHz GaAs MMIC Power Amplifier
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
35.0-45.0 GHz GaAs MMIC Power Amplifier
XB1005-BD MIMIX-XB1005-BD Datasheet
737Kb / 12P
35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XL1001-BD MIMIX-XL1001-BD Datasheet
338Kb / 8P
17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
35.0-45.0 GHz GaAs MMIC
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
35.0-45.0 GHz GaAs Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com