Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL1004-BD Datasheet(PDF) 3 Page - Mimix Broadband

Part # XL1004-BD
Description  35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1004-BD Datasheet(HTML) 3 Page - Mimix Broadband

  XL1004-BD Datasheet HTML 1Page - Mimix Broadband XL1004-BD Datasheet HTML 2Page - Mimix Broadband XL1004-BD Datasheet HTML 3Page - Mimix Broadband XL1004-BD Datasheet HTML 4Page - Mimix Broadband XL1004-BD Datasheet HTML 5Page - Mimix Broadband XL1004-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S-Parameters
Page 3 of 6
35.0-45.0 GHz GaAs MMIC
Low Noise Amplifier
Measured Perfor mance Characteristics (Typical Perfor mance at 25°C)
Vd = 4.0 V, Id = 87 mA
Freq GHz
S11 Mag
S11 Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
20.00
0.27
13.18
0.79
144.02
0.00
152.61
0.44
87.73
21.00
0.22
1.85
1.29
119.49
0.00
-79.92
0.38
76.54
22.00
0.18
-10.15
1.88
90.50
0.00
74.69
0.30
65.76
23.00
0.15
-24.71
2.50
60.05
0.00
53.19
0.24
56.91
24.00
0.12
-41.16
3.06
30.05
0.00
-121.34
0.18
51.76
25.00
0.10
-59.48
3.58
1.22
0.00
-161.44
0.13
51.95
26.00
0.10
-80.95
4.01
-26.35
0.00
85.45
0.09
59.91
27.00
0.11
-101.16
4.46
-52.01
0.00
133.24
0.07
81.02
28.00
0.14
-117.51
4.98
-77.07
0.00
30.25
0.07
96.40
29.00
0.17
-134.20
5.50
-101.80
0.01
78.68
0.08
104.68
30.00
0.22
-153.32
6.11
-127.11
0.00
80.75
0.09
108.29
31.00
0.28
-171.06
6.76
-152.08
0.01
59.04
0.09
103.52
32.00
0.33
168.73
7.50
-177.94
0.01
81.24
0.09
108.57
33.00
0.37
143.19
8.34
155.30
0.00
-155.79
0.09
108.74
34.00
0.37
118.52
9.14
126.02
0.00
56.29
0.08
122.44
35.00
0.32
87.44
9.57
94.76
0.01
-37.27
0.10
117.37
36.00
0.19
68.27
9.34
62.41
0.01
-8.36
0.09
120.09
37.00
0.11
80.75
8.56
32.90
0.01
30.35
0.10
131.83
38.00
0.10
111.35
7.74
5.96
0.01
-86.95
0.11
127.63
39.00
0.15
111.84
6.82
-18.97
0.00
129.62
0.13
128.29
40.00
0.16
99.58
6.16
-41.88
0.01
160.76
0.14
130.21
41.00
0.14
92.60
5.59
-64.36
0.01
-33.24
0.11
128.30
42.00
0.14
90.18
5.09
-85.91
0.01
143.01
0.11
123.97
43.00
0.11
88.15
4.58
-106.14
0.01
-35.79
0.12
130.62
44.00
0.10
90.61
4.43
-127.87
0.01
-19.68
0.11
146.09
45.00
0.10
85.68
4.15
-149.06
0.02
96.05
0.12
132.15
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 21-Apr-07
L1004-BD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com