Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL1001 Datasheet (PDF) - Mimix Broadband

XL1001 Datasheet PDF - Mimix Broadband
Part # XL1001
Download  XL1001 Download
File Size   428.46 Kbytes
Page   8 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 17.0-35.0 GHz GaAs MMIC Low Noise Amplifier

XL1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL1001 Datasheet PDF - Mimix Broadband

Part # XL1001
Download  XL1001 Click to download

File Size   428.46 Kbytes
Page   8 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 17.0-35.0 GHz GaAs MMIC Low Noise Amplifier

XL1001 Datasheet (HTML) - Mimix Broadband


XL1001 Product details

General Description
Mimix Broadband’s two stage balanced 17.0-35.0 GHz GaAs MMIC low noise amplifier has a small signal gain of 14.0 dB with a noise figure of 2.5 dB across the band. This MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
◆ Balanced Design
◆ Excellent Input/Output Match
◆ Self-biased Architecture
◆ 14.0 dB Small Signal Gain
◆ 2.5 dB Noise Figure
◆ 100% On-Wafer RF, DC and Noise Figure Testing
◆ 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XL1001

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1001-BD MIMIX-XL1001-BD Datasheet
338Kb / 8P
17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1001-BD MIMIX-XL1001-BD Datasheet
1Mb / 9P
17.0-35.0 GHz GaAs MMIC
XL1001-BD-000V MIMIX-XL1001-BD-000V Datasheet
338Kb / 8P
17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1001-BD-000W MIMIX-XL1001-BD-000W Datasheet
338Kb / 8P
17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1001-BD-EV1 MIMIX-XL1001-BD-EV1 Datasheet
338Kb / 8P
17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
More results


Similar Description - XL1001

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1004 MIMIX-XL1004 Datasheet
158Kb / 6P
35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
27.0-35.0 GHz GaAs MMIC Power Amplifier
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
17.0-21.0 GHz GaAs MMIC Power Amplifier
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
35.0-45.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
17.0-22.0 GHz GaAs MMIC Power Amplifier
XL1001-BD MIMIX-XL1001-BD Datasheet
338Kb / 8P
17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1004-BD MIMIX-XL1004-BD Datasheet
159Kb / 6P
35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
17.0-35.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com